Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-26836 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-26836
Description  2-16 GHz General Purpose Gallium Arsenide FET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-26836 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-69
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =3 V, IDS = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
2.0
.94
-38
8.2
2.57
138
-27.1
.044
60
.74
-26
3.0
.90
-55
7.8
2.45
120
-24.9
.057
51
.71
-35
4.0
.84
-72
7.6
2.41
102
-22.9
.072
44
.71
-44
5.0
.75
-92
8.0
2.50
82
-20.6
.093
30
.66
-53
6.0
.64
-117
8.1
2.55
61
-19.3
.109
15
.60
-64
7.0
.52
-155
8.3
2.60
37
-18.1
.124
5
.51
-78
8.0
.49
163
7.9
2.47
14
-17.5
.133
-12
.41
-92
9.0
.52
126
7.2
2.30
-7
-16.9
.143
-21
.30
-106
10.0
.56
100
6.4
2.10
-28
-16.8
.144
-32
.24
-125
11.0
.61
78
5.6
1.91
-47
-17.1
.140
-41
.18
-154
12.0
.67
58
4.7
1.71
-66
-17.1
.139
-49
.15
168
13.0
.69
45
3.9
1.57
-83
-17.3
.137
-61
.17
134
14.0
.72
35
3.0
1.42
-98
-17.2
.138
-66
.19
107
15.0
.72
22
2.5
1.33
-115
-17.2
.138
-77
.23
89
16.0
.72
13
2.0
1.26
-128
-17.4
.135
-85
.27
71
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =5 V, IDS = 30 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
2.0
.94
-44
9.0
2.82
130
-30.2
.031
65
.80
-31
3.0
.86
-63
8.5
2.65
110
-28.4
.038
56
.80
-43
4.0
.78
-81
8.0
2.51
89
-26.9
.045
47
.79
-52
5.0
.68
-97
7.9
2.49
71
-25.5
.053
41
.78
-58
6.0
.57
-118
8.1
2.53
51
-24.4
.060
39
.76
-67
7.0
.43
-151
8.5
2.65
28
-22.4
.076
38
.73
-80
8.0
.37
165
8.5
2.66
3
-20.6
.093
30
.69
-99
9.0
.40
122
8.0
2.52
-20
-18.0
.126
15
.64
-119
10.0
.47
96
7.7
2.42
-42
-16.4
.152
3
.66
-140
11.0
.55
75
7.5
2.37
-66
-15.1
.176
-4
.63
-166
12.0
.61
53
7.4
2.35
-88
-13.8
.205
-19
.64
168
13.0
.71
33
7.4
2.34
-116
-13.2
.220
-39
.71
132
14.0
.71
10
6.7
2.17
-143
-13.5
.212
-56
.78
104
15.0
.65
-10
5.7
1.93
-170
-14.0
.200
-72
.85
79
16.0
.58
-30
4.2
1.62
166
-14.9
.180
-93
.98
61
A model for this device is available in the DEVICE MODELS section.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211860.5-6 GHz General Purpose Gallium Arsenide FET 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn