Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-25735 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-25735
Description  0.5-10 GHz General Purpose Gallium Arsenide FET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-25735 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-65
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =3 V, IDS = 20 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.98
-22
13.9
4.95
159
-32.0
.025
77
.52
-12
1.0
.94
-45
13.3
4.61
142
-27.1
.044
64
.52
-20
2.0
.85
-82
12.2
4.06
110
-21.6
.083
45
.46
-41
3.0
.70
-116
11.0
3.54
81
-19.3
.109
24
.38
-61
4.0
.58
-152
10.0
3.17
54
-17.7
.131
12
.35
-81
5.0
.50
165
8.9
2.78
27
-16.7
.146
-7
.29
-97
6.0
.52
122
7.7
2.43
1
-16.1
.156
-20
.18
-112
7.0
.59
90
6.3
2.06
-23
-15.8
.162
-34
.07
-161
8.0
.65
66
5.1
1.79
-43
-15.5
.167
-46
.09
107
9.0
.69
44
3.8
1.55
-63
-15.3
.172
-53
.15
76
10.0
.73
32
2.7
1.36
-82
-15.4
.170
-65
.18
53
11.0
.79
20
1.1
1.14
-100
-15.5
.168
-78
.21
24
12.0
.84
7
-0.2
.98
-119
-15.7
.161
-93
.26
-5
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =5 V, IDS = 50 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.93
-21
16.0
6.29
156
-34.0
.020
69
.56
-10
1.0
.88
-42
15.4
5.89
140
-29.6
.033
62
.53
-21
2.0
.78
-81
14.1
5.08
108
-24.4
.060
49
.47
-43
3.0
.65
-112
12.6
4.27
83
-22.6
.074
39
.44
-55
4.0
.55
-142
11.4
3.73
58
-21.0
.089
28
.41
-64
5.0
.48
-176
10.6
3.37
36
-19.7
.104
20
.37
-69
6.0
.47
142
9.7
3.04
10
-18.3
.122
6
.28
-83
7.0
.56
104
8.4
2.64
-14
-17.5
.134
-6
.14
-105
8.0
.65
80
7.0
2.25
-35
-16.7
.146
-17
.07
172
9.0
.73
61
5.8
1.94
-53
-16.1
.157
-26
.14
113
10.0
.78
47
4.7
1.71
-72
-15.4
.169
-40
.20
94
11.0
.80
34
3.6
1.51
-90
-15.1
.176
-53
.27
68
12.0
.85
18
2.7
1.36
-109
-14.8
.181
-64
.36
45
A model for this device is available in the DEVICE MODELS section.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-211860.5-6 GHz General Purpose Gallium Arsenide FET 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn