Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-25570 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. ATF-25570
Description  0.5-10 GHz General Purpose Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-25570 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-61
ATF-25570 Typical Performance, T
A = 25°C
ATF-25570 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain-Source Voltage
V
+7
VGS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-8
IDS
Drain Current
mA
IDSS
PT
Power Dissipation [2,3]
mW
450
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65to+175
Thermal Resistance :
θ
jc = 300°C/W; TCH = 150°C
Liquid Crystal Measurement:
1
µmSpotSize[4]
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE TEMPERATURE = 25°C.
3. Derate at 3.3 mW/
°C for
TCASE > 40°C.
4. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
MEASUREMENTS section for
more information.
Figure 1. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 3 V, IDS = 20 mA.
FREQUENCY (GHz)
|S21|2
MSG
MAG
0.5
1.0
2.0
4.0
6.0
8.0
12.0
25
20
15
10
5
0
Figure 2. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 5 V, IDS = 50 mA.
FREQUENCY (GHz)
|S21|2
MSG
MAG
0.5
1.0
2.0
4.0 6.0 8.0
12.0
25
20
15
10
5
0


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211860.5-6 GHz General Purpose Gallium Arsenide FET 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn