Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4503-060 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-4503-060
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4503-060 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4503-060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4503-060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
(HCPL-4503 OPTION 060 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 450 V rms
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test,
VPR
945
V peak
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCNW135/6, HCNW4502/3
ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 600 V rms
I-IV
for rated mains voltage
≤ 1000 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
1414
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
2652
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test,
VPR
2121
V peak
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
8000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
TS
150
°C
Input Current
IS,INPUT
400
mA
Output Power
PS,OUTPUT
700
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN
60747-5-2, for a detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in
application.


Similar Part No. - HCPL-4503-060

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503-060E AVAGO-HCPL-4503-060E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-4503-060

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com