Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21186 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21186 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5-51
ATF-21186 Typical Performance, TA = 25°C
Figure 6. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 3 V, IDS = 70 mA.
Figure 4. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 10 mA.
Figure 5. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 20 mA.
Figure 1. ATF-21186 Optimum Noise
Figure and Associated Gain vs.
Frequency and IDS, VDS = 2 V.
Figure 2. ATF-21186 Optimum Noise
Figure and Associated Gain vs. IDS,
f = 2 GHz, V DS = 2 V.
Figure 3. ATF-21186 Power Output at
1 dB Compression and 1 dB
Compressed Gain vs. Frequency.
VDS = 3 V, I DS = 70 mA.
0
0.1
FREQUENCY (GHz)
1.5
10
1
0.5
1.0
0
30
10
20
G
NFO
10 mA
15 mA
20 mA
A
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
0
30
10
20
P 1 dB
G 1 dB
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
I
(mA)
DS
0
0
1.5
60
10
0.5
1.0
12
18
16
20
2.0
50
40
30
20
14
GA
NF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn