Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21186 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21186 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5-50
ATF-21186 Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
NF
o
Optimum Noise Figure
f = 1 GHz
dB
0.4
V
DS = 2 V, IDS = 15 mA
f = 2 GHz
0.5
0.75
f = 4 GHz
0.6
G
A
Associated Gain
f = 1 GHz
dB
14.2
V
DS = 2 V, IDS = 15 mA
f = 2 GHz
12.0
12.6
f = 4 GHz
9.1
P
1 dB
Power at 1 dB Gain Compression
f = 1 GHz
dBm
19.0
V
DS = 3 V, IDS = 70 mA
f = 2 GHz
19.0
f = 4 GHz
18.0
G
1 dB
1 dB Compressed Gain
f = 1 GHz
dB
18.0
V
DS = 3 V, IDS = 70 mA
f = 2 GHz
14.0
f = 4 GHz
8.5
g
m
Transconductance
V
DS = 3 V, VGS = 0 V
mS
70
120
I
DSS
Saturated Drain Current
V
DS = 3 V, VGS = 0 V
mA
80
120
200
V
P
Pinchoff Voltage
V
DS = 3 V, IDS = 1 mA
V
-3.0
-1.5
-0.8
ATF-21186 Absolute Maximum Ratings
Symbol
Parameter
Units
Absolute Maximum[1]
V
DS
Drain-Source Voltage
V
5
V
GS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-6
I
DS
Drain Current
mA
I
DSS
P
T
Power Dissipation[2,3]
mW
400
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65to+150
Notes:
1. Operation of this device above any
one of these parameters may cause
permanent damage.
2. TCASE = 25oC (TCASE is defined to
be the temperature at the ends of
pins 2 and 4 where they contact the
circuit board).
3. Derate at 4.4 mW/oC for TC > 60 oC.
Thermal Resistance[2]:
θ
jc = 225°C/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn