Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-21186 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-21186 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ATF-21186 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-21186 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-49
Description
Hewlett–Packard’s ATF-21186 is a
low cost Gallium Arsenide
Schottky barrier-gate field effect
transistor housed in a surface
mount plastic package. This
general purpose device is
designed for use in low noise
amplifiers, gain stages, driver
amplifiers, and oscillators
operating over the VHF, UHF, and
microwave frequency ranges.
High gain with two volt operation
makes this part attractive for low
voltage, battery operated systems.
The low noise figure is
appropriate for commercial
systems demanding good
sensitivity, such as GPS receiver
front-ends and MMDS television
receivers. The output power is
sufficient for use as the driver
stage in many hand-held
transceivers operating in the
900 MHz through 2.4 GHz bands,
including in cellular phones, PCN,
and ISM band spread spectrum
applications.
0.5 – 6 GHz General Purpose
Gallium Arsenide FET
Technical Data
ATF-21186
Features
• Low Noise Figure:
0.5 dB Typ. @ 2 GHz
• High Output Power:
19 dBm Typ. P
1dB @ 2 GHz
• High MSG:
13.5 dB Typ. @ 2 GHz
• Low Cost Surface Mount
Plastic Package
• Tape-and-Reel Packaging
Option Available[1]
Note:
1. Refer to “Tape-and-Reel Packaging for
Surface Mount Semiconductors”.
ATF-21186 Insertion Power Gain,
Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 15 mA.
85 mil Plastic Surface
Mount Package
Pin Configuration
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
1
4
3
2
SOURCE
SOURCE
DRAIN
GATE
This GaAs FET device has a
nominal 0.3 micron gate length
using airbridge interconnects
between drain fingers. Total gate
periphery is 750 microns. Proven
gold based metallization systems
and nitride passivation assure a
rugged, reliable device.
5965-8716E


Similar Part No. - ATF-21186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATF-21186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-25735 HP-ATF-25735 Datasheet
46Kb / 4P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
   0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com