Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21186 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21186 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-54
ATF-21186 Typical Scattering Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, IDS = 20 mA
Freq.
S11
S21
S12
S22
KGmax[1]
(GHz)
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
(dB)
0.5
0.955
-29
13.44
4.698
156
-26.75
0.046
71
0.251
-32
0.23
20.1
1.0
0.888
-55
12.75
4.340
134
-21.51
0.084
57
0.246
-63
0.31
17.1
1.5
0.819
-80
11.91
3.938
115
-18.86
0.114
44
0.240
-91
0.40
15.4
2.0
0.756
-104
11.00
3.547
97
-17.33
0.136
33
0.233
-117
0.49
14.2
2.5
0.704
-127
10.07
3.186
80
-16.36
0.152
23
0.233
-143
0.58
13.2
3.0
0.662
-149
9.07
2.840
65
-15.76
0.163
14
0.242
-169
0.67
12.4
3.5
0.638
-170
8.07
2.532
50
-15.39
0.170
6
0.266
168
0.77
11.7
4.0
0.633
171
7.07
2.257
37
-15.19
0.174
-1
0.304
148
0.85
11.1
4.5
0.643
153
6.07
2.012
24
-15.14
0.175
-7
0.349
133
0.91
10.6
5.0
0.663
136
5.07
1.793
12
-15.09
0.176
-13
0.397
121
0.96
10.1
5.5
0.690
122
4.07
1.597
0
-15.14
0.175
-19
0.441
111
0.99
9.6
6.0
0.717
110
3.08
1.425
-10
-15.19
0.174
-24
0.482
103
1.01
8.4
6.5
0.744
100
2.14
1.280
-20
-15.24
0.173
-28
0.517
95
1.02
7.7
7.0
0.767
91
1.22
1.151
-29
-15.29
0.172
-33
0.550
87
1.04
7.1
7.5
0.788
83
0.34
1.040
-38
-15.29
0.172
-37
0.579
79
1.04
6.5
8.0
0.807
74
-0.54
0.940
-47
-15.34
0.171
-41
0.611
72
1.05
6.1
Note:
1.
Gmax = MAG for K ≥ 1 and Gmax = MSG for K < 1
ATF-21186 Typical Noise Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, ID = 20 mA
Frequency
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.5
0.33
0.95
13
1.543
16.1
1.0
0.37
0.88
28
0.659
14.6
1.5
0.41
0.82
46
0.423
13.8
2.0
0.45
0.77
64
0.294
12.8
2.5
0.48
0.70
83
0.191
12.0
3.0
0.52
0.65
103
0.124
11.0
3.5
0.56
0.62
123
0.079
10.0
4.0
0.59
0.60
146
0.042
9.4
4.5
0.63
0.59
168
0.024
8.7
5.0
0.67
0.60
-170
0.023
8.2
5.5
0.70
0.64
-150
0.044
7.7
6.0
0.74
0.68
-134
0.089
7.3
6.5
0.78
0.73
-118
0.176
7.0
7.0
0.81
0.77
-107
0.289
6.6
7.5
0.85
0.80
-96
0.446
6.3
8.0
0.89
0.83
-84
0.654
5.9


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn