Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21186 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21186 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5-53
ATF-21186 Typical Scattering Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, IDS = 15 mA
Freq.
S11
S21
S12
S22
KGmax[1]
(GHz)
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
(dB)
0.5
0.957
-27
12.56
4.248
156
-26.38
0.048
71
0.303
-28
0.22
19.5
1.0
0.898
-53
11.95
3.959
136
-21.11
0.088
57
0.291
-57
0.29
16.5
1.5
0.833
-77
11.19
3.627
116
-18.42
0.120
44
0.277
-82
0.37
14.8
2.0
0.772
-100
10.37
3.300
99
-16.89
0.143
32
0.261
-106
0.45
13.6
2.5
0.721
-123
9.52
2.992
82
-15.86
0.161
22
0.251
-132
0.53
12.7
3.0
0.675
-145
8.59
2.689
66
-15.34
0.171
12
0.247
-158
0.63
12.0
3.5
0.646
-165
7.65
2.413
51
-15.04
0.177
3
0.261
177
0.73
11.3
4.0
0.636
175
6.71
2.164
37
-14.90
0.180
-4
0.292
156
0.81
10.8
4.5
0.642
156
5.74
1.936
24
-14.90
0.180
-11
0.334
139
0.88
10.3
5.0
0.660
139
4.76
1.730
11
-14.99
0.178
-17
0.380
125
0.94
9.9
5.5
0.685
124
3.78
1.545
0
-15.09
0.176
-23
0.424
114
0.98
9.4
6.0
0.712
112
2.80
1.380
-11
-15.24
0.173
-27
0.466
106
1.01
8.5
6.5
0.739
102
1.86
1.239
-21
-15.39
0.170
-32
0.502
97
1.03
7.6
7.0
0.762
92
0.94
1.114
-31
-15.49
0.168
-36
0.537
89
1.04
6.9
7.5
0.783
84
0.04
1.005
-40
-15.55
0.167
-39
0.567
81
1.06
6.3
8.0
0.803
75
-0.84
0.908
-49
-15.60
0.166
-44
0.601
74
1.06
5.9
Note:
1.
Gmax = MAG for K ≥ 1 and Gmax = MSG for K < 1
ATF-21186 Typical Noise Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, ID = 15 mA
Frequency
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.5
0.35
0.950
13
1.633
15.8
1.0
0.39
0.870
27
0.639
14.2
1.5
0.43
0.810
45
0.420
13.4
2.0
0.46
0.760
63
0.302
12.6
2.5
0.50
0.710
82
0.209
11.7
3.0
0.54
0.670
102
0.138
10.8
3.5
0.57
0.635
121
0.088
9.8
4.0
0.61
0.614
143
0.047
9.1
4.5
0.64
0.605
165
0.025
8.5
5.0
0.68
0.612
-172
0.022
8.0
5.5
0.72
0.650
-152
0.042
7.6
6.0
0.75
0.696
-136
0.088
7.2
6.5
0.79
0.742
-121
0.174
7.0
7.0
0.83
0.782
-109
0.301
6.6
7.5
0.86
0.810
-96
0.471
6.3
8.0
0.90
0.840
-86
0.715
6.0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn