Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21186 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. ATF-21186
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21186 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5-52
ATF-21186 Typical Noise Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, ID = 10 mA
Frequency
Fmin
Γ
opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.5
0.37
0.95
11
1.738
13.8
1.0
0.41
0.89
25
0.819
12.3
1.5
0.45
0.84
42
0.553
11.4
2.0
0.49
0.79
60
0.387
11.1
2.5
0.53
0.74
79
0.265
10.4
3.0
0.57
0.71
100
0.179
10.0
3.5
0.61
0.68
120
0.111
9.2
4.0
0.65
0.66
142
0.057
8.7
4.5
0.69
0.64
162
0.028
7.9
5.0
0.73
0.65
-175
0.021
7.4
5.5
0.77
0.68
-155
0.042
7.1
6.0
0.81
0.73
-139
0.095
6.6
6.5
0.85
0.77
-123
0.202
6.4
7.0
0.89
0.81
-111
0.362
6.1
7.5
0.93
0.84
-98
0.596
5.8
8.0
0.97
0.86
-88
0.873
5.4
ATF-21186 Typical Scattering Parameters,
Common Source, Zo = 50 Ω, VDS = 2 V, IDS = 10 mA
Freq.
S11
S21
S12
S22
KGmax[1]
(GHz)
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
(dB)
0.5
0.961
-25
11.12
3.599
157
-25.85
0.051
71
0.376
-25
0.22
18.5
1.0
0.910
-49
10.60
3.388
137
-20.36
0.096
57
0.360
-50
0.27
15.5
1.5
0.851
-73
9.96
3.149
118
-17.66
0.131
43
0.339
-73
0.33
13.8
2.0
0.794
-95
9.27
2.906
100
-16.03
0.158
31
0.314
-95
0.40
12.6
2.5
0.743
-118
8.53
2.671
83
-15.04
0.177
19
0.291
-118
0.47
11.8
3.0
0.694
-139
7.71
2.429
67
-14.52
0.188
9
0.272
-143
0.57
11.1
3.5
0.659
-160
6.85
2.201
52
-14.29
0.193
-1
0.270
-169
0.66
10.6
4.0
0.643
180
5.97
1.989
37
-14.29
0.193
-9
0.290
167
0.75
10.1
4.5
0.643
161
5.05
1.789
24
-14.38
0.191
-17
0.324
148
0.83
9.7
5.0
0.658
143
4.12
1.606
11
-14.66
0.185
-24
0.367
133
0.90
9.4
5.5
0.682
128
3.16
1.438
-1
-14.94
0.179
-29
0.410
121
0.95
9.0
6.0
0.707
115
2.19
1.286
-12
-15.29
0.172
-34
0.453
111
1.00
8.7
6.5
0.735
104
1.25
1.155
-23
-15.55
0.167
-38
0.490
102
1.02
7.5
7.0
0.758
95
0.32
1.038
-33
-15.81
0.162
-41
0.526
94
1.05
6.7
7.5
0.780
86
-0.59
0.934
-42
-15.97
0.159
-44
0.559
85
1.08
6.0
8.0
0.801
77
-1.49
0.842
-51
-16.08
0.157
-47
0.595
78
1.08
5.6
Note:
1.
Gmax = MAG for K ≥ 1 and Gmax = MSG for K < 1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn