Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-21170 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-21170
Description  0.5-6 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-21170 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-48
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =3 V, IDS = 20 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.96
-31
15.5
5.93
157
-29.4
.034
72
.46
-23
1.0
.91
-55
14.2
5.14
137
-24.3
.061
56
.42
-42
2.0
.82
-95
12.1
4.05
106
-20.4
.096
36
.39
-70
3.0
.74
-123
10.2
3.23
82
-19.5
.106
21
.35
-91
4.0
.70
-147
8.8
2.74
61
-18.7
.116
9
.33
-109
5.0
.65
-170
7.3
2.33
41
-18.2
.123
-1
.30
-127
6.0
.64
167
6.3
2.07
22
-17.7
.131
-10
.29
-145
7.0
.65
146
5.4
1.86
4
-17.5
.134
-17
.26
-167
8.0
.66
126
4.5
1.67
-13
-17.0
.141
-28
.26
164
9.0
.66
107
3.4
1.48
-30
-16.6
.148
-39
.26
140
10.0
.67
87
2.2
1.29
-47
-16.2
.155
-50
.25
114
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =5 V, IDS = 80 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.95
-43
18.3
8.24
149
-32.4
.024
67
.49
-17
1.0
.89
-64
17.4
7.28
133
-29.9
.032
59
.46
-26
2.0
.78
-106
14.6
5.36
101
-25.2
.055
44
.40
-45
3.0
.69
-133
12.4
4.18
79
-23.4
.068
34
.38
-60
4.0
.64
-160
10.7
3.42
56
-22.7
.073
31
.36
-81
5.0
.60
175
9.1
2.85
37
-21.7
.082
24
.35
-100
6.0
.61
154
7.9
2.47
18
-20.4
.095
19
.33
-115
7.0
.61
136
6.9
2.22
2
-19.3
.108
12
.31
-132
8.0
.63
120
6.2
2.05
-14
-17.9
.127
7
.27
-152
9.0
.64
102
5.3
1.85
-32
-16.6
.148
0
.27
-179
10.0
.64
86
4.5
1.68
-48
-15.3
.172
-13
.29
165
A model for this device is available in the DEVICE MODELS section.
70 mil Package Dimensions
1
3
4
2
SOURCE
SOURCE
DRAIN
GATE
.020
.508
.070
1.70
.495
± .030
12.57
± .76
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
.040
1.02
.035
.89
.004
± .002
.10
± .05


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-211860.5-6 GHz General Purpose Gallium Arsenide FET 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn