Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-13336-TR1 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF-13336-TR1
Description  2-16 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-13336-TR1 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF-13336-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-13336-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-13336-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-37
ATF-13336 Typical Performance, T
A = 25°C
ATF-13336 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain-Source Voltage
V
+5
VGS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-6
IDS
Drain Current
mA
IDSS
PT
Power Dissipation [2,3]
mW
225
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65to+175
Thermal Resistance :
θ
jc = 400°C/W; TCH = 150°C
Liquid Crystal Measurement:
1
µmSpotSize[5]
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE TEMPERATURE = 25°C.
3. Derate at 2.5mW/
°C for
TCASE> 85°C.
4. Storage above +150
°C may tarnish
the leads of this package difficult to
solder into a circuit. After a device
has been soldered into a circuit, it
may be safely stored up to 175
°C.
4. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
MEASUREMENTS section for
more information.
Part Number Ordering Information
Part Number
Devices Per Reel
Reel Size
ATF-13336-TR1
1000
7"
ATF-13336-STR
10
strip
FREQUENCY (GHz)
Figure 3. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 2.5 V, IDS = 20 mA.
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
0
16
14
12
10
8
6
6.0
10.0
8.0
12.0 14.0 16.0
GA
NFO
|S21|2
MSG
MAG
2.0
4.0
6.0
8.0 10.0 12.0 16.0
25
20
15
10
5
0
Figure 1. Optimum Noise Figure and
Associated Gain vs. Frequency.
VDS = 2.5V, IDS = 20 mA, TA = 25°C.
IDS (mA)
Figure 2. Optimum Noise Figure and
Associated Gain vs. IDS.
VDS = 2.5V, f = 12.0 GHz.
020
10
40
50
30
60
14
12
10
8
2.5
2.0
1.5
1.0
GA
NFO
ATF-13336 Noise Parameters: V
DS = 2.5 V, IDS = 20 mA
Freq.
NFO
Γ
opt
GHz
dB
Mag
Ang
RN/50
4.0
0.8
.63
93
.27
6.0
1.1
.47
138
.10
8.0
1.2
.40
-153
.20
12.0
1.4
.52
-45
.88
14.0
1.6
.57
-2
1.3


Similar Part No. - ATF-13336-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
ATF-13100-GP3 HP-ATF-13100-GP3 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
   1-16 GHz Low Noise Gallium Arsenide FET
ATF-13284-STR HP-ATF-13284-STR Datasheet
132Kb / 2P
   1-16 GHz Low Noise Gallium Arsenide FET
ATF-13284-TR1 HP-ATF-13284-TR1 Datasheet
132Kb / 2P
   1-16 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATF-13336-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
   2-16 GHz Low Noise Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
   1-16 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
   0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com