Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-13336 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-13336
Description  2-16 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-13336 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-38
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS = 2.5 V, IDS = 20 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
2.0
.96
-51
10.6
3.39
127
-27.1
.044
57
.61
-41
3.0
.88
-75
10.3
3.28
106
-23.4
.060
33
.58
-51
4.0
.86
-96
10.1
3.19
86
-22.6
.074
25
.57
-57
5.0
.79
-117
9.9
3.13
66
-20.6
.093
12
.54
-65
6.0
.69
-142
10.2
3.22
46
-18.9
.114
1
.49
-79
7.0
.60
-178
10.1
3.21
21
-17.6
.132
-18
.42
-97
8.0
.54
141
9.8
3.10
-4
-17.3
.137
-33
.31
-112
9.0
.56
103
8.9
2.80
-26
-16.7
.147
-48
.21
-121
10.0
.56
74
8.3
2.60
-48
-16.5
.150
-63
.09
-145
11.0
.58
44
7.6
2.39
-68
-16.8
.145
-78
.07
89
12.0
.63
20
6.7
2.17
-90
-17.5
.133
-95
.16
43
13.0
.65
3
6.0
2.00
-108
-18.3
.121
-107
.19
21
14.0
.66
-7
5.5
1.89
-126
-18.9
.114
-121
.19
-4
15.0
.70
-19
4.9
1.76
-144
-19.0
.112
-129
.16
-28
16.0
.72
-34
4.4
1.66
-175
-19.2
.110
-142
.14
-32
A model for this device is available in the DEVICE MODELS section.
36 micro-X Package Dimensions
1
3
4
2
SOURCE
SOURCE
DRAIN
GATE
2.15
(0.085)
2.11 (0.083) DIA.
0.508
(0.020)
2.54
(0.100)
4.57
± 0.25
0.180
± 0.010
0.15
± 0.05
(0.006
± 0.002)
Notes:
1. Dimensions are in millimeters (inches)
2. Tolerances: in .xxx =
± 0.005
mm .xx =
± 0.13
0.56
(0.022)
1.45
± 0.25
(0.057
± 0.010)


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn