Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-13336 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. ATF-13336
Description  2-16 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-13336 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-36
2 – 16 GHz Low Noise
Gallium Arsenide FET
Technical Data
36 micro-X Package
Features
• Low Noise Figure:
1.4 dB Typical at 12 GHz
• High Associated Gain:
9.0 dB Typical at 12 GHz
• High Output Power:
17.5 dBm Typical P 1 dB at
12 GHz
• Cost Effective Ceramic
Microstrip Package
• Tape-and-Reel Packaging
Option Available[1]
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
NFO
Optimum Noise Figure: VDS = 2.5 V, IDS = 20 mA
f = 8.0 GHz
dB
1.2
f = 12.0 GHz
dB
1.4
1.6
f = 14.0 GHz
1.6
GA
Gain @ NFO: VDS = 2.5 V, IDS = 20 mA
f = 8.0 GHz
dB
11.5
f = 12.0 GHz
dB
8.0
9.0
f = 14.0 GHz
dB
7.5
P1 dB
Power Output @ 1 dB Gain Compression:
f = 12.0 GHz dBm
17.5
VDS = 4 V, IDS = 40 mA
G1 dB
1 dB Compressed Gain: VDS = 4 V, IDS = 40 mA
f = 12.0 GHz
dB
8.5
gm
Transconductance: VDS = 2.5 V, VGS = 0 V
mmho
25
55
IDSS
Saturated Drain Current: VDS = 2.5 V, VGS = 0 V
mA
40
50
90
VP
Pinch-off Voltage: VDS = 2.5 V, IDS = 1 mA
V
-4.0
-1.5
-0.5
Note:
1. Refer to PACKAGING section “Tape-and-Reel Packaging for Surface Mount Semiconductors”.
ATF-13336
Description
The ATF-13336 is a high perfor-
mance gallium arsenide Schottky-
barrier-gate field effect transistor
housed in a cost effective micro-
strip package. Its premium noise
figure makes this device appropri-
ate for use in low noise amplifiers
operating in the 2-16 GHz
frequency range.
This GaAs FET device has a
nominal 0.3 micron gate length
with a total gate periphery of
250 microns. Proven gold based
metallization systems and nitride
passivation assure a rugged,
reliable device.
5965-8724E


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-268842-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn