Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY261 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATTINY261
Description  High Performance, Low Power AVR
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY261 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATTINY261_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 10Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 11Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 12Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 13Page - ATMEL Corporation ATTINY261_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 206 page
background image
ATtiny261/ATtiny461/ATtiny861/ATtiny461 [DATASHEET]
7753G–AVR–06/14
10
5.3
Status Register
The status register contains information about the result of the most recently executed arithmetic instruction. This
information can be used for altering program flow in order to perform conditional operations. Note that the status register is
updated after all ALU operations, as specified in the instruction set reference. This will in many cases remove the need for
using the dedicated compare instructions, resulting in faster and more compact code. The status register is not automatically
stored when entering an interrupt routine and restored when returning from an interrupt. This must be handled by software.
5.3.1
SREG – AVR Status Register
The AVR® status register – SREG – is defined as:
• Bit 7 – I: Global Interrupt Enable
The global interrupt enable bit must be set for the interrupts to be enabled. The individual interrupt enable control is then
performed in separate control registers. If the global interrupt enable register is cleared, none of the interrupts are enabled
independent of the individual interrupt enable settings. The I-bit is cleared by hardware after an interrupt has occurred, and is
set by the RETI instruction to enable subsequent interrupts. The I-bit can also be set and cleared by the application with the
SEI and CLI instructions, as described in the instruction set reference.
• Bit 6 – T: Bit Copy Storage
The bit copy instructions BLD (Bit LoaD) and BST (Bit STore) use the T-bit as source or destination for the operated bit. A bit
from a register in the register file can be copied into T by the BST instruction, and a bit in T can be copied into a bit in a
register in the register file by the BLD instruction.
• Bit 5 – H: Half Carry Flag
The half carry flag H indicates a half carry in some arithmetic operations. Half carry is useful in BCD arithmetic. See the
“Instruction Set Description” for detailed information.
• Bit 4 – S: Sign Bit, S = N
V
The S-bit is always an exclusive or between the negative flag N and the two complement overflow flag V. See the
“Instruction Set Description” for detailed information.
• Bit 3 – V: Two’s Complement Overflow Flag
The Two’s complement overflow flag V supports two’s complement arithmetics. See the “Instruction Set Description” for
detailed information.
• Bit 2 – N: Negative Flag
The negative flag N indicates a negative result in an arithmetic or logic operation. See the “Instruction Set Description” for
detailed information.
• Bit 1 – Z: Zero Flag
The zero flag Z indicates a zero result in an arithmetic or logic operation. See the “Instruction Set Description” for detailed
information.
• Bit 0 – C: Carry Flag
The carry flag C indicates a carry in an arithmetic or logic operation. See the “Instruction Set Description” for detailed
information.
Bit
7654321
0
0x3F (0x5F)
I
T
H
S
V
N
Z
C
SREG
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000000
0


Similar Part No. - ATTINY261_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261_14 Datasheet
3Mb / 206P
   High Performance, Low Power AVR
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System
More results

Similar Description - ATTINY261_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325PV ATMEL-ATMEGA325PV_14 Datasheet
503Kb / 364P
   High Performance, Low Power AVR
ATTINY2313A ATMEL-ATTINY2313A_14 Datasheet
588Kb / 22P
   High Performance, Low Power AVR
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
552Kb / 16P
   High Performance, Low Power AVR
ATMEGA162V ATMEL-ATMEGA162V_14 Datasheet
534Kb / 22P
   High-performance, Low-power AVR
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
   High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
   High Performance, Low Power AVR
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
   High Performance, Low Power AVR
ATMEGA8515 ATMEL-ATMEGA8515_14 Datasheet
236Kb / 257P
   High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
   High-performance, Low-power AVR
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_14 Datasheet
242Kb / 13P
   High Performance, Low Power AVR
MCU Wireless-09/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com