Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA329P Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA329P
Description  High Performance, Low Power Atmel
Download  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329P Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA329P_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 427 page
background image
5
8021G–AVR–03/11
ATmega329P/3290P
resulting architecture is more code efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The ATmel®AVR® ATmega329P/3290P provides the following features: 32K bytes of In-System
Programmable Flash with Read-While-Write capabilities, 1Kbytes EEPROM, 2Kbyte SRAM,
54/69 general purpose I/O lines, 32 general purpose working registers, a JTAG interface for
Boundary-scan, On-chip Debugging support and programming, a complete On-chip LCD con-
troller with internal contrast control, three flexible Timer/Counters with compare modes, internal
and external interrupts, a serial programmable USART, Universal Serial Interface with Start
Condition Detector, an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal
Oscillator, an SPI serial port, and five software selectable power saving modes. The Idle mode
stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to con-
tinue functioning. The Power-down mode saves the register contents but freezes the Oscillator,
disabling all other chip functions until the next interrupt or hardware reset. In Power-save mode,
the asynchronous timer and the LCD controller continues to run, allowing the user to maintain a
timer base and operate the LCD display while the rest of the device is sleeping. The ADC Noise
Reduction mode stops the CPU and all I/O modules except asynchronous timer, LCD controller
and ADC, to minimize switching noise during ADC conversions. In Standby mode, the crys-
tal/resonator Oscillator is running while the rest of the device is sleeping. This allows very fast
start-up combined with low-power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip In-System re-Programmable (ISP) Flash allows the program memory to be repro-
grammed In-System through an SPI serial interface, by a conventional non-volatile memory
programmer, or by an On-chip Boot program running on the AVR core. The Boot program can
use any interface to download the application program in the Application Flash memory. Soft-
ware in the Boot Flash section will continue to run while the Application Flash section is updated,
providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System
Self-Programmable Flash on a monolithic chip, the Atmel ATmega329P/3290P is a powerful
microcontroller that provides a highly flexible and cost effective solution to many embedded con-
trol applications.
The ATmega329P/3290P AVR is supported with a full suite of program and system develop-
ment tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit
Emulators, and Evaluation kits.
2.2
Comparison between ATmega329P, and ATmega3290P.
The ATmega329P, and ATmega3290P differ only in pin count and pinout. Table 2-1 on page 5
summarizes the different configurations for the four devices.
Table 2-1.
Configuration Summary
Device
Flash
EEPROM
RAM
LCD
Segments
General Purpose
I/O Pins
ATmega329P
32Kbytes
1Kbytes
2Kbytes
4 x 25
54
ATmega3290P
32Kbytes
1Kbytes
2Kbytes
4 x 40
69


Similar Part No. - ATMEGA329P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA329P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
   High Performance, Low Power Atmel
ATMEGA32HVB ATMEL-ATMEGA32HVB_14 Datasheet
743Kb / 24P
   High performance, low power Atmel
ATMEGA644V ATMEL-ATMEGA644V_14 Datasheet
746Kb / 376P
   High-performance, Low-power Atmel
ATMEGA329V ATMEL-ATMEGA329V_14 Datasheet
892Kb / 392P
   High Performance, Low Power Atmel
AT90PWM2 ATMEL-AT90PWM2_14 Datasheet
3Mb / 365P
   High Performance, Low Power Atmel
ATMEGA16HVB ATMEL-ATMEGA16HVB_14 Datasheet
5Mb / 278P
   High performance, low power Atmel
ATMEGA165P ATMEL-ATMEGA165P_14 Datasheet
698Kb / 364P
   High Performance, Low Power Atmel
ATMEGA164P ATMEL-ATMEGA164P_14 Datasheet
12Mb / 377P
   High-performance, Low-power Atmel
ATMEGA8 ATMEL-ATMEGA8_14 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel
ATMEGA169P ATMEL-ATMEGA169P_14 Datasheet
509Kb / 395P
   High Performance, Low Power Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com