Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA329P Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA329P
Description  High Performance, Low Power Atmel
Download  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329P Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA329P_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 13Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 14Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 15Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 16Page - ATMEL Corporation ATMEGA329P_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 427 page
background image
13
8021G–AVR–03/11
ATmega329P/3290P
6.5
General Purpose Register File
The Register File is optimized for the Atmel
®AVR® Enhanced RISC instruction set. In order to
achieve the required performance and flexibility, the following input/output schemes are sup-
ported by the Register File:
• One 8-bit output operand and one 8-bit result input
• Two 8-bit output operands and one 8-bit result input
• Two 8-bit output operands and one 16-bit result input
• One 16-bit output operand and one 16-bit result input
Figure 6-2 shows the structure of the 32 general purpose working registers in the CPU.
Figure 6-2.
AVR CPU General Purpose Working Registers
Most of the instructions operating on the Register File have direct access to all registers, and
most of them are single cycle instructions.
As shown in Figure 6-2, each register is also assigned a data memory address, mapping them
directly into the first 32 locations of the user Data Space. Although not being physically imple-
mented as SRAM locations, this memory organization provides great flexibility in access of the
registers, as the X-, Y- and Z-pointer registers can be set to index any register in the file.
7
0
Addr.
R0
0x00
R1
0x01
R2
0x02
R13
0x0D
General
R14
0x0E
Purpose
R15
0x0F
Working
R16
0x10
Registers
R17
0x11
R26
0x1A
X-register Low Byte
R27
0x1B
X-register High Byte
R28
0x1C
Y-register Low Byte
R29
0x1D
Y-register High Byte
R30
0x1E
Z-register Low Byte
R31
0x1F
Z-register High Byte


Similar Part No. - ATMEGA329P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA329P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
   High Performance, Low Power Atmel
ATMEGA32HVB ATMEL-ATMEGA32HVB_14 Datasheet
743Kb / 24P
   High performance, low power Atmel
ATMEGA644V ATMEL-ATMEGA644V_14 Datasheet
746Kb / 376P
   High-performance, Low-power Atmel
ATMEGA329V ATMEL-ATMEGA329V_14 Datasheet
892Kb / 392P
   High Performance, Low Power Atmel
AT90PWM2 ATMEL-AT90PWM2_14 Datasheet
3Mb / 365P
   High Performance, Low Power Atmel
ATMEGA16HVB ATMEL-ATMEGA16HVB_14 Datasheet
5Mb / 278P
   High performance, low power Atmel
ATMEGA165P ATMEL-ATMEGA165P_14 Datasheet
698Kb / 364P
   High Performance, Low Power Atmel
ATMEGA164P ATMEL-ATMEGA164P_14 Datasheet
12Mb / 377P
   High-performance, Low-power Atmel
ATMEGA8 ATMEL-ATMEGA8_14 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel
ATMEGA169P ATMEL-ATMEGA169P_14 Datasheet
509Kb / 395P
   High Performance, Low Power Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com