Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-10236 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-10236
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-10236 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-28
Typical Scattering Parameters, Common Source, Z
O = 50 Ω, TA =25°C, VDS =2 V, IDS = 25 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
.97
-20
15.1
5.68
162
-32.8
.023
76
.47
-11
1.0
.93
-41
14.9
5.58
143
-26.0
.050
71
.45
-23
2.0
.77
-81
13.6
4.76
107
-21.3
.086
51
.36
-38
3.0
.59
-114
12.2
4.06
80
-18.4
.120
35
.30
-51
4.0
.48
-148
10.9
3.51
52
-16.5
.149
18
.23
-67
5.0
.46
166
9.6
3.03
26
-15.3
.172
3
.10
-67
6.0
.53
125
8.5
2.65
1
-14.5
.189
-14
.09
48
7.0
.62
96
6.9
2.22
-20
-14.4
.191
-28
.24
55
8.0
.71
73
4.9
1.75
-39
-14.5
.189
-41
.37
51
9.0
.75
54
3.3
1.47
-55
-14.7
.184
-46
.46
42
10.0
.78
39
2.1
1.28
-72
-14.9
.180
-59
.51
34
11.0
.82
26
0.3
1.04
-86
-14.9
.179
-71
.54
26
12.0
.84
12
-0.5
0.95
-101
-15.0
.177
-82
.54
17
A model for this device is available in the DEVICE MODELS section.
1
3
4
2
SOURCE
SOURCE
DRAIN
GATE
2.15
(0.085)
2.11 (0.083) DIA.
0.508
(0.020)
2.54
(0.100)
4.57
± 0.25
0.180
± 0.010
0.15
± 0.05
(0.006
± 0.002)
Notes:
1. Dimensions are in millimeters (inches)
2. Tolerances: in .xxx =
± 0.005
mm .xx =
± 0.13
0.56
(0.022)
1.45
± 0.25
(0.057
± 0.010)
36 micro-X Package Dimensions


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn