Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-10236 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. ATF-10236
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-10236 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-27
ATF-10236 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain-Source Voltage
V
+5
VGS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-7
IDS
Drain Current
mA
IDSS
PT
Power Dissipation [2,3]
mW
430
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature[4]
°C
175
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE TEMPERATURE = 25°C.
3. Derate at 2.9 mW/
°C for
TCASE > 25°C.
4. Storage above +150
°C may tarnish
the leads of this package making it
difficult to solder into a circuit.
After a device has been soldered
into a circuit, it may be safely
stored up to 175
°C.
5. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
MEASUREMENTS section for
more information.
ATF-10236 Typical Performance, T
A = 25°C
Part Number Ordering Information
Part Number
Devices Per Reel
Reel Size
ATF-10236-TR1
1000
7"
ATF-10236-STR
10
STRIP
For more information, see “Tape and Reel Packaging for Semiconductor Devices.”
Thermal Resistance :
θ
jc = 350°C/W; TCH = 150°C
Liquid Crystal Measurement:
1
µm Spot Size[5]
ATF-10236 Noise Parameters: V
DS = 2 V, IDS = 25 mA
Freq.
NFO
Γ
opt
GHz
dB
Mag
Ang
RN/50
0.5
0.45
0.93
18
0.75
1.0
0.5
0.87
36
0.63
2.0
0.6
0.73
74
0.33
4.0
0.8
0.45
148
0.15
6.0
1.0
0.42
-137
0.12
8.0
1.3
0.49
-80
0.45
FREQUENCY (GHz)
IDS (mA)
Figure 2. Optimum Noise Figure and
Associated Gain vs. IDS.
VDS = 2V, f = 4.0 GHz.
020
10
40
50
30
60
Figure 3. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 25 mA.
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
0
18
15
12
9
6
16
14
12
10
2.0
6.0
4.0
8.0 10.0 12.0
1.5
1.0
0.5
0
GA
GA
NFO
NFO
|S21|2
MSG
MAG
0.5
1.0
2.0
4.0
6.0 8.0 12.0
30
25
20
15
10
5
0
Figure 1. Optimum Noise Figure and
Associated Gain vs. Frequency.
VDS = 2V, IDS = 25 mA, TA = 25°C.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn