Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-10236 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. ATF-10236
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-10236 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-26
0.5 – 12 GHz Low Noise
Gallium Arsenide FET
Technical Data
Features
• Low Noise Figure:
0.8 dB Typical at 4 GHz
• Low Bias:
VDS= 2 V, IDS= 20 mA
• High Associated Gain:
13.0 dB Typical at 4 GHz
• High Output Power: 20.0 dBm
Typical P1dBat 4 GHz
• Cost Effective Ceramic
Microstrip Package
• Tape-And-Reel Packaging
Option Available [1]
ATF-10236
36 micro-X Package
Description
The ATF-10236 is a high performance
gallium arsenide Schottky-barrier-
gate field effect transistor housed in a
cost effective microstrip package. Its
low noise figure makes this device
appropriate for use in the first and
second stages of low noise amplifiers
operating in the 0.5-12 GHz frequency
range.
This GaAs FET device has a nominal
0.3 micron gate length using airbridge
interconnects between drain fingers.
Total gate periphery is 500 microns.
Proven gold based metallization
systems and nitride passivation
assure a rugged, reliable device.
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
NFO
Optimum Noise Figure: VDS = 2 V, IDS = 25 mA
f = 2.0 GHz
dB
0.6
f = 4.0 GHz
dB
0.8
1.0
f = 6.0 GHz
dB
1.0
GA
Gain @ NFO; VDS = 2 V, IDS = 25 mA
f = 2.0 GHz
dB
16.5
f = 4.0 GHz
dB
12.0
13.0
f = 6.0 GHz
dB
10.5
P1 dB
Power Output @ 1 dB Gain Compression
f = 4.0 GHz
dBm
20.0
VDS = 4 V, IDS = 70 mA
G1 dB
1 dB Compressed Gain: VDS = 4 V, IDS = 70 mA
f = 4.0 GHz
dB
12.0
gm
Transconductance: VDS = 2 V, VGS = 0 V
mmho
80
140
IDSS
Saturated Drain Current: VDS = 2 V, VGS = 0 V
mA
70
130
180
VP
Pinchoff Voltage: VDS = 2 V, IDS = 1 mA
V
-3.0
-1.3
-0.8
Note:
1. Refer to PACKAGING section, “Tape-and-Reel Packaging for Surface Mount Semiconductors.”
5965-8697E


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-101000.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn