Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX6155NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # CX6155NL
Description  Diplexer 5-865/975-1025 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX6155NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  CX6155NL Datasheet HTML 1Page - Pulse A Technitrol Company CX6155NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pulse
CX6155NL_060109_A
12220 World Trade Dr.
San Diego, CA 92128
U.S.A. www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Proprietary & Confidential
PRODUCT DATASHEET
PART NUMBER: CX6155NL
• Diplexer 5-865/975-1025 MHz
• Suitable for MoCA Applications / FTTP-ONT
• Impedance = 75 Ohms
• Surge Protection 10/1000 uS, 3KV, 120A
• RoHS Compliant
• Operating Temperature = -40°C to 85°C
Electrical Specifications @ 25°C
INSERTION LOSS : CATV
5-865 MHz
975-1025
MHz
1.8 dB Max
45 dB Min
INSERTION LOSS : WAN
5-600 MHz
601-865 MHz
975-1025
MHz
1125-1324
MHz
1325-1525
MHz
2000 MHz
50 dB Min
40 dB Min
4.0 dB Max
44 dB Min
45 dB Min
50 dB Min
RETURN LOSS :
5-865 MHz
975-1025
MHz
12 dB Min
10 dB Min


Similar Part No. - CX6155NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX6157NL PULSE-CX6157NL Datasheet
413Kb / 2P
   Diplexer 50-870/975-1025 MHz
More results

Similar Description - CX6155NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX6157NL PULSE-CX6157NL Datasheet
413Kb / 2P
   Diplexer 50-870/975-1025 MHz
C6201SNL PULSE-C6201SNL Datasheet
468Kb / 2P
   Diplexer 975-1025 / 1125-1525 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225180Y1T WALSIN-RFBPF3225180Y1T Datasheet
795Kb / 8P
   975 ~ 1025 MHz Band RF Application
logo
M/A-COM Technology Solu...
MAFLCT0081 MA-COM-MAFLCT0081 Datasheet
82Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
logo
Tyco Electronics
MAFLCT0081 MACOM-MAFLCT0081 Datasheet
77Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
MAFLES0083 MACOM-MAFLES0083 Datasheet
99Kb / 3P
   CATV Diplexer 5 - 900 MHz
MAFLES0102 MACOM-MAFLES0102 Datasheet
103Kb / 2P
   CATV Diplexer 5 - 870 MHz
logo
Adels-Contact
374005 ADELS-374005 Datasheet
119Kb / 1P
   GSK 865/ 5
logo
Pulse A Technitrol Comp...
C6329NL PULSE-C6329NL Datasheet
95Kb / 2P
   Diplexer 5-42/88-1002 MHz
logo
Tyco Electronics
EDF-2 MACOM-EDF-2 Datasheet
78Kb / 3P
   E-Series Diplexer 5-1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com