Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-10100 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-10100
Description  0.5-12 GHz Low Noise Gallium Arsenide FET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-10100 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-21
Typical Scattering Parameters, Common Source, Z
O = 50 Ω, TA =25°C, VDS =2 V, IDS = 25 mA
Freq.
S11
S21
S12
S22
MHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
1.0
.93
-46
17.7
7.63
148
-25.5
.053
64
.33
-56
2.0
.83
-78
15.6
6.08
127
-21.4
.085
52
.31
-63
3.0
.78
-94
13.9
4.97
114
-19.8
.102
45
.30
-72
4.0
.72
-104
12.4
4.18
103
-18.7
.116
41
.29
-80
5.0
.70
-120
11.2
3.65
92
-17.9
.127
36
.25
-90
6.0
.68
-139
10.0
3.18
80
-17.6
.132
31
.19
-113
7.0
.71
-157
8.6
2.69
69
-17.5
.133
25
.18
-156
8.0
.72
168
7.4
2.35
60
-17.5
.133
22
.20
-178
9.0
.71
-177
6.5
2.12
53
-17.4
.135
19
.22
174
10.0
.70
175
6.0
1.99
46
-16.9
.143
17
.22
169
11.0
.70
167
5.5
1.88
38
-16.6
.148
15
.23
164
12.0
.70
162
5.0
1.77
31
-16.3
.154
13
.24
153
13.0
.70
159
4.5
1.68
25
-15.8
.162
11
.26
143
14.0
.70
155
4.1
1.61
20
-15.5
.168
10
.28
133
15.0
.73
149
3.9
1.56
14
-15.0
.177
8
.30
123
16.0
.77
138
3.2
1.45
5
-14.7
.184
6
.32
119
17.0
.76
134
1.8
1.23
0
-14.4
.190
5
.35
114
18.0
.77
134
1.3
1.16
-1
-13.9
.201
4
.38
106
Typical Scattering Parameters, Common Source, Z
O = 50 Ω, TA =25°C, VDS =4 V, IDS = 70 mA
Freq.
S11
S21
S12
S22
MHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
1.0
.87
-60
20.6
10.72
136
-26.4
.048
55
.33
-59
2.0
.74
-96
17.5
7.50
113
-23.5
.067
43
.29
-66
3.0
.72
-112
15.2
5.77
101
-22.2
.078
39
.28
-69
4.0
.67
-122
13.4
4.68
91
-21.3
.086
38
.27
-72
5.0
.67
-137
12.0
3.97
81
-20.6
.093
36
.24
-77
6.0
.68
-154
10.5
3.36
70
-20.3
.097
35
.17
-95
7.0
.73
-168
9.0
2.81
61
-20.1
.099
33
.13
-127
8.0
.74
-177
7.7
2.44
54
-19.8
.102
31
.12
-159
9.0
.75
175
6.8
2.19
47
-19.6
.105
31
.12
-165
10.0
.75
166
6.2
2.04
39
-18.9
.113
29
.13
-171
11.0
.75
156
5.6
1.90
32
-18.4
.120
27
.13
-177
12.0
.74
150
5.1
1.79
25
-17.9
.128
26
.14
173
13.0
.74
148
4.6
1.69
19
-16.9
.143
25
.15
166
14.0
.75
145
4.2
1.62
14
-16.2
.155
24
.17
154
15.0
.76
140
3.9
1.57
9
-15.7
.164
21
.21
142
16.0
.77
135
3.2
1.45
-1
-15.5
.168
18
.24
133
17.0
.79
130
1.8
1.23
-6
-15.3
.171
18
.28
125
18.0
.80
125
1.3
1.16
-6
-14.4
.191
18
.32
117


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-101360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211700.5-6 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-251700.5-10 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn