Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC018 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SC018
Description  Securely implements host algorithms
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC018 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SC018_14 Datasheet HTML 3Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 9Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 10Page - ATMEL Corporation AT88SC018_14 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CryptoCompanion Chip
9
5277C–CryptoCompanion–9/09
Table 9.
Memory Locking
LockBit 1
Lock Bit 0 (LSB)
Meaning
1
1
Locked. ReadMemory and WriteMemory enabled, subject to the restrictions in this
section. WriteMemoryEncrypted and ReadMemoryDigest disabled.
1
0
Unlocked/Confidential. ReadMemoryDigest, WriteMemory and
WriteMemoryEncrypted enabled. ReadMemory disabled.
0
0
Unlocked. ReadMemory and WriteMemory enabled. WriteMemoryEncrypted and
ReadMemoryDigest disabled.
1.5.2.
Secure Personalization
Customers desiring to write secrets into the AT88SC018 during personalization without exposing these secrets to
attackers should purchase the version of the chip in which Lock[1:0] is 10.
In these parts, Atmel will write a transport key into the EncKey location within EEPROM during wafer probe. Once the
AT88SC018 leaves the Atmel factory, the EncKey location cannot be written under any circumstances.
When the part is unlocked and therefore in the personalization phase, the WriteMemoryEncrypted command permits
the incoming data to be encrypted using EncKey as the encryption key. Data can also be written unencrypted if
desired. Verification of the EEPROM contents must use the ReadMemoryDigest command as ReadMemory is
prohibited in these parts as shipped. Once locked, the WriteMemoryEncrypted and ReadMemoryDigest commands are
prohibited – WriteMemory and ReadMemory are then enabled over a restricted address space.
The value written into EncKey will be the first 16 bytes of the SHA-1 digest of the concatenation of the 15 byte
ManufacturingID with a 16 byte secret provided to Atmel by the system manufacturer. The upper 6 bits of the Lock byte
will contain a secret tag assigned by Atmel to differentiate between various secrets that may have been used to
generate EncKey. This tag will be erased when the AT88SC018 is locked, leaving the Lock byte with the value 0xFF.
1.5.3.
ManufacturingID (MfrID)
These 15 bytes contain unique wafer manufacturing information. This data can be used as the AT88SC018 serial
number if desired and can also be used by Atmel to track production of the part. It is written by Atmel at wafer test and
cannot be modified by the customer, regardless of whether or not the part has been locked.
The ManufacturingID value can only be obtained by executing the ReadManufacturingID command. Note, however,
that if Lock[1:0] is ‘10’, then the contents of the second 32 byte block which includes this value can be accessed with
ReadMemoryDigest. ReadMemory can never be used to access the first 48 bytes of memory (SHA Constant, EncKey,
MfrID & Lock).


Similar Part No. - AT88SC018_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
255Kb / 33P
   High Security Features in Hardware
More results

Similar Description - AT88SC018_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
   Implements Reduced Power Operating Modes
07/14/15
logo
Honeywell Accelerometer...
HMC6352-TR HONEYWELL-ACC-HMC6352-TR Datasheet
499Kb / 14P
   2-Axis Compass with Algorithms
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343_13 Datasheet
512Kb / 13P
   3-Axis Compass with Algorithms
logo
PANDUIT CORP.
SICH25-C PANDUIT-SICH25-C Datasheet
82Kb / 1P
   Clip around bundle to hold securely in place
logo
TE Connectivity Ltd
408-8579 TEC-408-8579 Datasheet
421Kb / 5P
   Securely tighten both screws with the appropriate screwdriver.
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
List of Unclassifed Man...
PL-2501 ETC-PL-2501 Datasheet
40Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
   SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
List of Unclassifed Man...
PL2701 ETC2-PL2701 Datasheet
208Kb / 1P
   Super-Speed USB Host to Host Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com