Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARM920T Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 24Page - ATMEL Corporation ARM920T Datasheet HTML 25Page - ATMEL Corporation ARM920T Datasheet HTML 26Page - ATMEL Corporation ARM920T Datasheet HTML 27Page - ATMEL Corporation ARM920T Datasheet HTML 28Page - ATMEL Corporation ARM920T Datasheet HTML 29Page - ATMEL Corporation ARM920T Datasheet HTML 30Page - ATMEL Corporation ARM920T Datasheet HTML 31Page - ATMEL Corporation ARM920T Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 350 page
background image
Programmer’s Model
2-2
Copyright © 2000, 2001 ARM Limited. All rights reserved.
ARM DDI 0151C
2.1
About the programmer’s model
The ARM920T processor incorporates the ARM9TDMI integer core, which
implements the ARM architecture v4T. It executes the ARM and Thumb instruction
sets, and includes EmbeddedICE JTAG software debug features.
The programmer’s model of the ARM920T processor consists of the programmer’s
model of the ARM9TDMI core (see About the ARM9TDMI programmer’s model on
page 2-3) with the following additions and modifications:
The ARM920T processor incorporates two coprocessors:
CP14, which allows software access to the debug communications channel.
You can access the registers defined in CP14 using MCR and MRC instructions.
These are described in Debug communications channel on page 9-64.
The system control coprocessor, CP15, which provides additional registers
that are used to configure and control the caches, MMU, protection system,
the clocking mode, and other system options of the ARM920T, such as big
or little-endian operation. You can access the registers defined in CP15
using MCR and MRC instructions. These are described in CP15 register map
summary on page 2-5.
The ARM920T processor also features an external coprocessor interface that
allows the attachment of a closely-coupled coprocessor on the same chip, for
example, a floating-point unit. You can access registers and operations provided
by any coprocessors attached to the external coprocessor interface using
appropriate coprocessor instructions.
Memory accesses for instruction fetches and data loads and stores can be cached
or buffered. Cache and write buffer configuration and operation is described in
detail in Chapter 4 Caches, Write Buffer, and Physical Address TAG (PA TAG)
RAM.
The MMU page tables that reside in main memory describe the virtual to physical
address mapping, access permissions, and cache and write buffer configuration.
These are created by the operating system software and accessed automatically by
the ARM920T MMU hardware whenever an access causes a TLB miss.
The ARM920T has a Trace Interface Port that allows the use of Trace hardware
and tools for real-time tracing of instructions and data.


Similar Part No. - ARM920T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
More results

Similar Description - ARM920T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
   TECHNICAL REFERENCE MANUAL
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
   Technical Reference Manual
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com