Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P314000 Datasheet(PDF) 1 Page - E-SWITCH

Part # P314000
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P314000 Datasheet(HTML) 1 Page - E-SWITCH

  P314000 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301CF100QG
4:1
11/21/2006
P314000
D
TN
1
1
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING:12VDC, 50mA
5. OPERATING FORCE: 100 `50gf
6. TRAVEL: 0.25mm +0.2/-0.1
7. CONTACT RESISTANCE: 100m
MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 100,000 CYCLES.
9. CONTACT MATERIAL: SILVER
10. PACKAGE: 750 PIECE POLY BAG
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
1
2
4
3
1
2
4
3
5.90
[.232 in]
11.20
[.441 in]
7.00
[.276 in]
3.10
[.122 in]
3.60
[.142 in]
8.40
[.331 in]
10.00
[.394 in]
.70
[.028 in] TYP.
6.00
[.236 in]
SQUARE
2
4
3
CIRCUIT: SPST
1
.40
[.016 in]
A
14995
RELEASED FOR PRODUCTION
6/16/05
JB
B
15344
CHANGED PACKAGING INFO
9/28/05
PH
C
15357
CHANGED PACKAGING INFO
9/30/05
PH
D
16684
UPDATED NOTES FIXED DRAWING
11/21/2006
TN
n3.50
[.138 in]
8.00
[.315 in]
4.50
[.177 in]


Similar Part No. - P314000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P314001 E-SWITCH-P314001 Datasheet
85Kb / 1P
   All Dimension In MM
P314003 E-SWITCH-P314003 Datasheet
69Kb / 1P
   All Dimension In MM
More results

Similar Description - P314000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com