Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41511 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. AT-41511
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41511 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-136
Figure 9. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 8 V, with Optimal Tuning.
Figure 8. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 5 V, with Optimal Tuning.
Figure 7. AT-41511 and AT-41533
P1dB vs. Frequency and Bias at
VCE = 2.7 V, with Optimal Tuning.
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
25 mA
10 mA
5 mA
AT-41511, AT-41533 Typical Performance
Figure 2. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 5 V.
Figure 1. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 2.7 V.
Figure 3. AT-41511 and AT-41533
Minimum Noise Figure vs. Frequency
and Current at VCE = 8 V.
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
10 mA
2, 5 mA
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
10 mA
5 mA
0.1
3.0
0
FREQUENCY (GHz)
0.6
2.1
2.6
2.5
1.5
0.5
1.6
2.0
1.0
1.1
25 mA
2 mA
10 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
20
15
10
PKG 11
PKG 33
25
5
10, 25 mA
2 mA
5 mA
2 mA
5 mA
10, 25 mA
Figure 6. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 8 V.
Figure 5. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 5 V.
Figure 4. AT-41511 and AT-41533
Associated Gain vs. Frequency and
Current at VCE = 2.7 V.
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
PKG 11
PKG 33
10, 25 mA
5 mA
10, 25 mA
5 mA
0.1
20
0
FREQUENCY (GHz)
0.6
2.1
2.6
15
10
5
1.6
1.1
PKG 11
PKG 33
10, 25 mA
5 mA
10, 25 mA
5 mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn