Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41511 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. AT-41511
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-41511 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT-41511 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-41511 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-135
Characterization Information, TA = 25°C
AT-41511 AT-41533
Symbol
Parameters and Test Conditions
Units
Min Typ Min
Typ
NF
Noise Figure
f = 0.9 GHz
dB
1.0
1.0
VCE = 5 V, IC = 5 mA
f = 2.4 GHz
1.7
1.6
GA
Associated Gain
f = 0.9 GHz
dB
15.5
14.5
VCE = 5 V, IC = 5 mA
f = 2.4 GHz
11
9
P1dB
Power at 1 dB Gain Compression (opt tuning)
f = 0.9 GHz
dBm
14.5
14.5
VCE = 5 V, IC = 25 mA
G1dB
Gain at 1 dB Gain Compression (opt tuning)
f = 0.9 GHz
dB
17.5
14.5
VCE = 5 V, IC = 25 mA
IP3
Output Third Order Intercept Point,
f = 0.9 GHz
dBm
25
25
VCE = 5 V, IC =25 mA (opt tuning)
|S21E|2
Gain in 50
Ω system; V
CE = 5 V, IC = 5 mA
f = 0.9 GHz
dB
13.5
15.5
10.8
12.8
f = 2.4 GHz
7.9
5.2
AT-41511, AT-41533 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
20
VCEO
Collector-Emitter Voltage
V
12
IC
Collector Current
mA
50
PT
Power Dissipation[2,3]
mW
225
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Electrical Specifications, TA = 25°C
AT-41511
AT-41533
Symbol
Parameters and Test Conditions
Units Min
Typ
Max
Min
Typ
Max
hFE
Forward Current Transfer Ratio
VCE = 5 V
-
30
150
270
30
150
270
IC = 5 mA
ICBO
Collector Cutoff Current
VCB = 3 V
µA
0.2
0.2
IEBO
Emitter Cutoff Current
VEB = 1 V
µA
1.0
1.0
Notes:
1. Operation of this device above any one
of these parameters may cause
permanent damage.
2. TMounting Surface = 25°C.
3. Derate at 1.82 mW/
°C for T
C > 26°C.
Thermal Resistance:[2]
θ
jc =550°C/W
Ordering Information
Part Number
Increment
Comments
AT-41511-BLK
100
Bulk
AT-41511-TR1
3000
7" Reel
AT-41533-BLK
100
Bulk
AT-41533-TR1
3000
7" Reel


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn