Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41511 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. AT-41511
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41511 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-138
AT-41511 Typical Scattering Parameters, Common Emitter, Zo = 50 Ω, VCE = 2.7 V, IC = 25 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.49
-91
29.26
29.048
136
-37.72
0.013
62
0.73
-22
0.5
0.53
-168
18.55
8.459
92
-30.46
0.030
61
0.45
-23
0.9
0.53
172
13.62
4.798
79
-26.56
0.047
66
0.42
-26
1.0
0.53
169
12.73
4.330
76
-25.68
0.052
67
0.42
-27
1.5
0.54
153
9.34
2.932
63
-22.50
0.075
67
0.42
-34
1.8
0.55
145
7.86
2.473
57
-21.01
0.089
66
0.42
-38
2.0
0.56
140
6.97
2.232
52
-20.09
0.099
66
0.42
-41
2.4
0.57
129
5.47
1.877
44
-18.49
0.119
64
0.42
-48
3.0
0.60
116
3.67
1.525
32
-16.54
0.149
59
0.41
-58
4.0
0.64
95
1.30
1.162
14
-13.98
0.200
51
0.40
-75
5.0
0.67
79
-0.58
0.935
-1
-11.90
0.254
43
0.39
-96
AT-41511 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 2.7 V, IC = 25 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
1.6
0.13
18
0.16
0.9
1.9
0.24
-162
0.13
1.8
2.3
0.40
-137
0.23
2.4
2.7
0.50
-122
0.35
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 12. AT-41511 Gains vs.
Frequency at VCE = 2.7 V, IC = 25 mA.
AT-41533 Typical Scattering Parameters, Common Emitter, Z
o = 50 Ω, VCE = 2.7 V, IC = 25 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.34
-75
29.37
29.404
127
-37.08
0.014
72
0.71
-21
0.5
0.19
-168
17.63
7.614
88
-25.68
0.052
76
0.47
-20
0.9
0.20
161
12.73
4.329
74
-20.82
0.091
74
0.46
-24
1.0
0.20
154
11.84
3.909
71
-19.91
0.101
74
0.45
-26
1.5
0.24
132
8.56
2.679
59
-16.42
0.151
70
0.45
-33
1.8
0.25
121
7.12
2.271
52
-14.85
0.181
67
0.44
-38
2.0
0.27
115
6.32
2.071
47
-13.94
0.201
65
0.44
-41
2.4
0.29
105
4.99
1.777
39
-12.32
0.242
61
0.43
-48
3.0
0.33
93
3.46
1.489
27
-10.31
0.305
54
0.41
-59
4.0
0.39
76
1.69
1.215
11
-7.66
0.414
42
0.37
-81
5.0
0.45
60
0.40
1.047
-3
-5.73
0.517
29
0.33
-106
AT-41533 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 2.7 V, IC = 25 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
1.3
0.10
24
0.12
0.9
1.6
0.25
-158
0.11
1.8
1.9
0.48
-122
0.19
2.4
2.1
0.59
-101
0.37
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 13. AT-41533 Gains vs.
Frequency at VCE = 2.7 V, IC = 25 mA.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn