Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41486 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. AT-41486
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41486 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-130
AT-41486 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
20
VCEO
Collector-Emitter Voltage
V
12
IC
Collector Current
mA
60
PT
Power Dissipation [2,3]
mW
500
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance[2,4]:
θ
jc = 165°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 6 mW/
°C for
TC > 68°C.
4. See MEASUREMENTS section
“Thermal Resistance” for more
information.
Part Number Ordering Information
Part Number
Increment
Comments
AT-41486-TR1
1000
Reel
AT-41486-BLK
100
Bulk
Note: For more information, see “Tape and Reel Packaging for Semiconductor Devices”.
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S21E|
2
Insertion Power Gain; VCE = 8 V, IC = 25 mA
f = 2.0 GHz
dB
17.5
f = 4.0 GHz
11.5
P1 dB
Power Output @ 1 dB Gain Compression
f = 2.0 GHz
dBm
18.0
VCE = 8 V, IC = 25 mA
G1 dB
1 dB Compressed Gain; VCE = 8 V, IC = 25 mA
f = 2.0 GHz
dB
13.5
NFO
Optimum Noise Figure: VCE = 8 V, IC = 10 mA
f = 1.0 GHz
dB
1.4
1.8
f = 2.0 GHz
1.7
f = 4.0 GHz
3.0
GA
Gain @ NFO; VCE = 8 V, IC = 10 mA
f = 1.0 GHz
dB
17.0
18.0
f = 2.0 GHz
13.0
f = 4.0 GHz
9.0
fT
Gain Bandwidth Product: VCE = 8 V, IC = 25 mA
GHz
8.0
hFE
Forward Current Transfer Ratio; VCE = 8 V, IC = 10 mA
30
150
270
ICBO
Collector Cutoff Current; VCB = 8 V
µA
0.2
IEBO
Emitter Cutoff Current; VEB = 1 V
µA
1.0
CCB
Collector Base Capacitance[1]: VCB = 8 V, f = 1 MHz
pF
0.25
Note:
1. For this test, the emitter is grounded.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn