Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41486 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. AT-41486
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41486 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-129
Up to 6 GHz Low Noise
Silicon Bipolar Transistor
Technical Data
Features
• Low Noise Figure:
1.4 dB Typical at 1.0 GHz
1.7 dB Typical at 2.0 GHz
• High Associated Gain:
18.0 dB Typical at 1.0 GHz
13.0 dB Typical at 2.0 GHz
• High Gain-Bandwidth
Product: 8.0 GHz Typical fT
• Surface Mount Plastic
Package
• Tape-and-Reel Packaging
Option Available[1]
AT-41486
86 Plastic Package
Note:
1. Refer to “Tape-and-Reel Packaging for
Semiconductor Devices”.
Description
Hewlett-Packard’s AT-41486 is a
general purpose NPN bipolar
transistor that offers excellent
high frequency performance. The
AT-41486 is housed in a low cost
surface mount .085" diameter
plastic package. The 4 micron
emitter-to-emitter pitch enables
this transistor to be used in many
different functions. The 14 emitter
finger interdigitated geometry
yields an intermediate sized
transistor with impedances that
are easy to match for low noise
and moderate power applications.
Applications include use in
wireless systems as an LNA, gain
stage, buffer, oscillator, and
mixer. An optimum noise match
near 50
Ω at 900 MHz, makes this
device easy to use as a low noise
amplifier.
The AT-41486 bipolar transistor is
fabricated using Hewlett-Packard’s
10 GHz fT Self-Aligned-Transistor
(SAT) process. The die is nitride
passivated for surface protection.
Excellent device uniformity,
performance and reliability are
produced by the use of ion-
implantation, self-alignment
techniques, and gold metalization
in the fabrication of this device.
1
4
3
2
EMITTER
BASE
EMITTER
COLLECTOR
PinConnections
5965-8928E


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn