Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41486 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. AT-41486
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41486 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-133
86 Plastic Package Dimensions
4
0.51
± 0.13
(0.020
± 0.005)
2.34
± 0.38
(0.092
± 0.015)
2.67
± 0.38
(0.105
± 0.15)
1
3
2
2.16
± 0.13
(0.085
± 0.005)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.52
± 0.25
(0.060
± 0.010)
0.66
± 0.013
(0.026
± 0.005)
0.203
± 0.051
(0.006
± 0.002)
0.30 MIN
(0.012 MIN)
C
L
45
°
5
° TYP.
8
° MAX
0
° MIN


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn