Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-41485 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT-41485
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-41485 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT-41485 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-126
AT-41485 Typical Performance, T
A = 25°C
FREQUENCY (GHz)
Figure 1. Noise Figure and Associated
Gain vs. Frequency.
VCE = 8 V, IC = 10mA.
IC (mA)
Figure 3. Optimum Noise Figure and
Associated Gain vs. Collector Current
and Collector Voltage. f = 2.0 GHz.
0
1020
3040
Figure 4. Optimum Noise Figure and
Associated Gain vs. Collector Current
and Frequency. VCE = 8 V.
10 V
4 V
FREQUENCY (GHz)
Figure 5. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VCE = 8 V, IC = 25 mA.
0.1
0.5
0.3
1.0
3.0
6.0
IC (mA)
IC (mA)
Figure 2. Output Power and 1 dB
Compressed Gain vs. Collector
Current and Frequency. VCE = 8 V.
24
20
16
12
8
4
0
1020
3040
P1dB
G1dB
24
21
18
15
12
9
6
3
0
8
6
4
2
0
4
3
2
1
0.5
2.0
1.0
3.0
4.0 5.0
16
15
14
13
12
GA
GA
NFO
NFO
GA
NFO
NF50
6 V
0
1020
3040
2.0 GHz
2.0 GHz
4.0 GHz
4.0 GHz
6
4
2
0
16
14
12
10
8
2.0 GHz
2.0 GHz
4.0 GHz
4.0 GHz
IC (mA)
Figure 6. Insertion Power Gain vs.
Collector Current and Frequency.
VCE = 8 V.
20
16
12
8
4
0
0
1020
3040
1.0 GHz
2.0 GHz
4.0 GHz
40
35
30
25
20
15
10
5
0
MSG
MAG
|S21E|2
10 V
4 V
6 V


Similar Part No. - AT-41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41485 HP-AT-41485 Datasheet
44Kb / 6P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results

Similar Description - AT-41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com