Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561-1 Datasheet(PDF) 11 Page - NEC

Part # PS2561-1
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2561-1 Datasheet(HTML) 11 Page - NEC

Back Button PS2561-1 Datasheet HTML 4Page - NEC PS2561-1 Datasheet HTML 5Page - NEC PS2561-1 Datasheet HTML 6Page - NEC PS2561-1 Datasheet HTML 7Page - NEC PS2561-1 Datasheet HTML 8Page - NEC PS2561-1 Datasheet HTML 9Page - NEC PS2561-1 Datasheet HTML 10Page - NEC PS2561-1 Datasheet HTML 11Page - NEC PS2561-1 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PS2561-1,-2,PS2561L-1,-2
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter
Symbol
Speck
Unit
Application classification (DIN VDE 0109)
for rated line voltages
≤ 300 Vr.m.s.
for rated line voltages
≤ 600 Vr.m.s.
IV
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
55/100/21
Dielectric strength maximum operating isolation voltage
Test voltage (partial discharge test procedure a for type test and random test)
Upr = 1.2 × UIORM, Pd < 5 pC
UIORM
Upr
890
1 068
Vpeak
Vpeak
Test voltage (partial discharge test procedure b for random test)
Upr = 1.6 × UIORM, Pd < 5 pC
Upr
1 424
Vpeak
Highest permissible overvoltage
UTR
6 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 7.0
mm
Creepage distance
> 7.0
mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE 0109)
III a
Storage temperature range
Tstg
–55 to +150
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 °C
VIO = 500 V dc at TA MAX. at least 100 °C
Ris MIN.
Ris MIN.
10
12
10
11
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = 175 °C (Tsi)
Tsi
Isi
Psi
Ris MIN.
175
400
700
10
9
°C
mA
mW


Similar Part No. - PS2561-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2561-1 CEL-PS2561-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561-1 RENESAS-PS2561-1 Datasheet
5Mb / 17P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Rev.1.00 Dec 25, 2020
logo
California Eastern Labs
PS2561-1-A CEL-PS2561-1-A Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1-A RENESAS-PS2561-1-A Datasheet
5Mb / 17P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Rev.1.00 Dec 25, 2020
More results

Similar Description - PS2561-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com