Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT-41435 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. AT-41435
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

AT-41435 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-116
AT-41435 Typical Performance, T
A = 25°C
FREQUENCY (GHz)
Figure 1. Noise Figure and Associated
Gain vs. Frequency.
VCE = 8 V, IC = 10mA.
IC (mA)
Figure 3. Optimum Noise Figure and
Associated Gain vs. Collector Current
and Collector Voltage. f = 2.0 GHz.
0
1020
3040
FREQUENCY (GHz)
Figure 5. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VCE = 8 V, IC = 25 mA.
0.1
0.5
0.3
1.0
3.0
6.0
24
21
18
15
12
9
6
3
0
8
6
4
2
0
4
3
2
1
0.5
2.0
1.0
3.0
4.0 5.0
16
15
14
13
12
GA
NFO
NF50
IC (mA)
Figure 6. Insertion Power Gain vs.
Collector Current and Frequency.
VCE = 8 V.
20
16
12
8
4
0
0
1020
3040
2.0 GHz
4.0 GHz
40
35
30
25
20
15
10
5
0
MSG
MAG
|S21E|2
1.0 GHz
10 V
4 V
GA
NFO
6 V
10 V
4 V
6 V
IC (mA)
Figure 2. Output Power and 1 dB
Compressed Gain vs. Collector
Current and Frequency. VCE = 8 V.
24
20
16
12
8
4
0
1020
3040
P1dB
G1dB
2.0 GHz
2.0 GHz
4.0 GHz
4.0 GHz
Figure 4. Optimum Noise Figure and
Associated Gain vs. Collector Current
and Frequency. VCE = 8 V.
IC (mA)
0
1020
3040
6
4
2
0
16
14
12
10
8
GA
NFO
2.0 GHz
2.0 GHz
4.0 GHz
4.0 GHz


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn