Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-36408 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # AT-36408
Description  4.8 V NPN Common Emitter Output Power Transistor for GSM Class IV Phones
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-36408 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  AT-36408 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-84
SPICE Model Parameters
Die Model
Packaged Model
C
CPad
CPad
Die Area = 1.2
CPad = 0.3 pF
E1
B
E2
CPad
Label
BF
IKF
ISE
NE
VAF
NF
TF
XTF
VTF
ITF
PTF
XTB
BR
IKR
ISC
NC
VAR
NR
Value
280
299.9
9.9E-11
2.399
33.16
0.9935
1.6E-11
0.006656
0.02785
0.001
23
0
54.61
81
8.7E-13
1.587
1.511
0.9886
Label
TR
EG
IS
XTI
CJC
VJC
MJC
XCJC
FC
CJE
VJE
MJE
RB
IRB
RBM
RE
RC
Value
1E-9
1.11
3.598E-15
3
0.8E-12
0.4831
0.2508
0.001
0.999
6.16E-12
1.186
0.5965
0.752
0
0.01
1.27
0.107
12
13
14
20
19
17
18
15
16
04
6
210
8
Vcb (V)
Figure 7. Collector-Base Capacitance
vs. Collector-Base Voltage (DC Test).
AT-36408 Typical Large Signal Impedances
VCE = 4.8 V, ICQ = 50 mA, Pulsed Operation, Pout = +35.0 dBm
Freq.
Γ source
Γ load
MHz
Mag.
Ang.
Mag.
Ang.
880
0.882
-170.0
0.847
172.7
890
0.885
-170.5
0.849
172.2
900
0.887
-171.1
0.851
171.6
910
0.890
-171.4
0.853
171.1
915
0.891
-169.0
0.854
168.4
920
0.893
-168.4
0.855
168.2
Label
Rlead
Llead
Rwire
Lwire
Cpkg1
Cpkg2
LE1
Value
0.63
1.45 nH
1.3
0.52 nH
0.4 pF
1.2 pF
0.3 nH
Label
LE2
Cbase
Rwbase
Lwbase
Rwbb
Lwbb
Value
0.00064 nH
46.0 pF
0.2
1.19 nH
0.1
0.1 nH
Lwbase
Rwbase
Lwbase
Rwbase
Lwbase
Rwbase
Lwbase
Rwbase
Lwbb
Rwbb
Lwbb
Rwbb
Lwbb
Rwbb
Cpkg1
Cpkg1
Cpkg2
Cbase
B
E1
Rlead
Rlead
Llead
Llead
L=0
L=0
R= 1
Cbase
Die
Die
LE1
LE2
Lwire
Rwire
Lwire
Rwire
Cpkg1
Cpkg2
C
Rlead
Llead
E2
Rlead
Llead
Cpkg2
LE1
LE2
Die
LE1
LE2
Die
LE1
LE2
R=1


Similar Part No. - AT-36408

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-303 HIROSE-AT-303 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Projects Unlimited, Inc...
AT-3035-TT-R PUI-AT-3035-TT-R Datasheet
277Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3037-TT-R PUI-AT-3037-TT-R Datasheet
210Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3045-TF-LW110-R PUI-AT-3045-TF-LW110-R Datasheet
190Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
logo
PUI audio inc.
AT-3045-TF-LW110-R PUIAUDIO-AT-3045-TF-LW110-R Datasheet
529Kb / 3P
   30mm diameter piezo-electric transducer with 110mm 28 AWG UL 1095 wire leads
More results

Similar Description - AT-36408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-33225 HP-AT-33225 Datasheet
118Kb / 10P
   4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
AT-31625 HP-AT-31625 Datasheet
117Kb / 10P
   4.8 V NPN Common Emitter Medium Power Output Transistor
AT-38086 HP-AT-38086 Datasheet
130Kb / 10P
   4.8 V NPN Silicon Bipolar Common Emitter Transistor
logo
GHz Technology
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
   COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
   COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Sony Corporation
CXM3542ER SONY-CXM3542ER Datasheet
210Kb / 14P
   3P9T Antenna Switch for GSM/CDMA Dual Mode Phones
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
logo
NTE Electronics
NTE916 NTE-NTE916 Datasheet
23Kb / 2P
   Integrated Circuit High Current, NPN Transistor Array, Common Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com