Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2511L-4 Datasheet(PDF) 7 Page - NEC

Part # PS2511L-4
Description  HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2511L-4 Datasheet(HTML) 7 Page - NEC

Back Button PS2511L-4 Datasheet HTML 3Page - NEC PS2511L-4 Datasheet HTML 4Page - NEC PS2511L-4 Datasheet HTML 5Page - NEC PS2511L-4 Datasheet HTML 6Page - NEC PS2511L-4 Datasheet HTML 7Page - NEC PS2511L-4 Datasheet HTML 8Page - NEC PS2511L-4 Datasheet HTML 9Page - NEC PS2511L-4 Datasheet HTML 10Page - NEC PS2511L-4 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS2511-1,-2,-4, PS2511L-1,-2,-4
1.2
–50
1.0
0.8
0.6
0.4
0.2
0.0
–25
0
25
50
75
100
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
IC = 1 mA,
VCC = 5 V
100
300
RL = 1 k
TA = 25 ˚C
TA = 60 ˚C
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Forward Current IF (mA)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
Time (Hr)
LONG TERM CTR DEGRADATION
100
10
1
0.1
10 k
1 k
100
10
IC = 2 mA,
VCC = 10 V,
CTR = 220 %
tf
tr
td
ts
10
100
1 k
10 k
100 k
0.1
1
10
100
1 000
tr
td
tf
ts
IF = 5 mA,
VCC = 5 V,
CTR = 220 %
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
IF = 5 mA (TYP.)
VCE = 5 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2511L-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2511L-4 RENESAS-PS2511L-4 Datasheet
249Kb / 14P
   PHOTOCOUPLER
1997
More results

Similar Description - PS2511L-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com