Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-31011 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AT-31011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-31011 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AT-31011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-31011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-33
Low Current, High Performance
NPN Silicon Bipolar Transistor
Technical Data
Description
Hewlett-Packard’s AT-31011 and
AT-31033 are high performance
NPN bipolar transistors that have
been optimized for operation at
low voltages, making them ideal
for use in battery powered
applications in wireless markets.
The AT-31033 uses the 3 lead
SOT-23, while the AT-31011 places
the same die in the higher
performance 4 lead SOT-143. Both
packages are industry standards
compatible with high volume
surface mount assembly
techniques.
The 3.2 micron emitter-to-emitter
pitch and reduced parasitic design
of these transistors yields
extremely high performance
products that can perform a mul-
tiplicity of tasks. The 10 emitter
finger interdigitated geometry
yields an extremely fast transistor
with low operating currents and
reasonable impedances.
Optimized performance at 2.7 V
makes these devices ideal for use
in 900 MHz, 1.9 GHz, and 2.4 GHz
Features
• High Performance Bipolar
Transistor Optimized for
Low Current, Low Voltage
Operation
• 900 MHz Performance:
AT-31011:0.9 dB NF,13 dB GA
AT-31033:0.9 dB NF,11 dB GA
• Characterized for End-Of-
Life Battery Use (2.7 V)
• SOT-143 SMT Plastic
Package
• Tape-And-Reel Packaging
Option Available[1]
battery operated systems as an
LNA, gain stage, buffer, oscillator,
or active mixer. Applications
include cellular and PCS handsets
as well as Industrial-Scientific-
Medical systems. Typical amplifier
designs at 900 MHz yield 1.3 dB
noise figures with 11 dB or more
associated gain at a 2.7 V, 1 mA
bias. Moderate output power
capability (+9 dBm P1dB) coupled
with an excellent noise figure
yields high dynamic range for a
microcurrent device. High gain
capability at 1 V, 1 mA makes these
devices a good fit for 900 MHz
pager applications.
The AT-3 series bipolar transistors
are fabricated using an optimized
version of Hewlett-Packard’s
10 GHz fT, 30 GHz fmax Self-
Aligned-Transistor (SAT) process.
The die are nitride passivated for
surface protection. Excellent
device uniformity, performance
and reliability are produced by the
use of ion-implantation, self-
alignment techniques, and gold
metalization in the fabrication of
these devices.
AT-31011
AT-31033
BASE
EMITTER
EMITTER COLLECTOR
BASE
EMITTER
COLLECTOR
310
310
SOT-23 (AT-31033)
SOT-143 (AT-31011)
Outline Drawing
Note:
1. Refer to “Tape-and-Reel Packaging for
Semiconductor Devices”
5965-8919E


Similar Part No. - AT-31011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-31011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com