Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-8787 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part No. HI-8787
Description  ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOLTIC [Holt Integrated Circuits]
Homepage  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8787 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8787 Datasheet HTML 1Page - Holt Integrated Circuits HI-8787 Datasheet HTML 2Page - Holt Integrated Circuits HI-8787 Datasheet HTML 3Page - Holt Integrated Circuits HI-8787 Datasheet HTML 4Page - Holt Integrated Circuits HI-8787 Datasheet HTML 5Page - Holt Integrated Circuits HI-8787 Datasheet HTML 6Page - Holt Integrated Circuits HI-8787 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A0
Load
Data Bus
ARINC Bits
1
Word 1
D0- D15
ARINC1- ARINC 16
0
Word 2
D0- D15
ARINC 17- ARINC 32
Figure 2. Order of transmitted data
Figure 1. Block Diagram
DATA
BUS
16 to 32 bit
mux
32 bit
buffer
register
32 bit
shift
register
WRITE
A0
16
32
32
status &
control
logic
XMT RDY
XMIT CLK
word gap
counter
bit
counter
output
logic
line
driver
PARITY ENB
561 DATA
561 SYNC
TXBOUT
TXAOUT
SLP1.5
FUNCTIONAL DESCRIPTION (Cont.)
The HI-8787 and HI-8788 have an on-chip line driver de-
signed to directly drive the ARINC 429 bus. The two ARINC
outputs (TXAOUT and TXBOUT) providea differential volt-
age to producea +10 volt One,a -10 volt Zero, anda0 volt
Null. The slope of the ARINC outputs is controlled by the
SLP1.5 pin. If SLP1.5 is high, the output rise and fall time is
nominally 1.5 s. .If SLP1.5 is set low, the rise and fall times
are 10 s.
The HI-8787 has 37.5 ohms in series with each line driver
output. The HI-8788 has 10.0 ohms in series. The HI-8788
is for applications where external series resistance is
needed, typically for lightning protection devices.
µ
µ
HOLT INTEGRATED CIRCUITS
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn