Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT32UC3A0512 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT32UC3A0512
Description  High Performance, Low Power 32-Bit Atmel AVR Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0512 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT32UC3A0512_14 Datasheet HTML 1Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 2Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 3Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 4Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 5Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0512_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Features
High Performance, Low Power 32-Bit Atmel
® AVR® Microcontroller
– Compact Single-cycle RISC Instruction Set Including DSP Instruction Set
– Read-Modify-Write Instructions and Atomic Bit Manipulation
– Performing 1.49 DMIPS / MHz
Up to 91 DMIPS Running at 66 MHz from Flash (1 Wait-State)
Up to 49 DMIPS Running at 33MHz from Flash (0 Wait-State)
– Memory Protection Unit
Multi-hierarchy Bus System
– High-Performance Data Transfers on Separate Buses for Increased Performance
– 15 Peripheral DMA Channels Improves Speed for Peripheral Communication
Internal High-Speed Flash
– 512K Bytes, 256K Bytes, 128K Bytes Versions
– Single Cycle Access up to 33 MHz
– Prefetch Buffer Optimizing Instruction Execution at Maximum Speed
– 4ms Page Programming Time and 8ms Full-Chip Erase Time
– 100,000 Write Cycles, 15-year Data Retention Capability
– Flash Security Locks and User Defined Configuration Area
Internal High-Speed SRAM, Single-Cycle Access at Full Speed
– 64K Bytes (512KB and 256KB Flash), 32K Bytes (128KB Flash)
External Memory Interface on AT32UC3A0 Derivatives
– SDRAM / SRAM Compatible Memory Bus (16-bit Data and 24-bit Address Buses)
Interrupt Controller
– Autovectored Low Latency Interrupt Service with Programmable Priority
System Functions
– Power and Clock Manager Including Internal RC Clock and One 32KHz Oscillator
– Two Multipurpose Oscillators and Two Phase-Lock-Loop (PLL) allowing
Independant CPU Frequency from USB Frequency
– Watchdog Timer, Real-Time Clock Timer
Universal Serial Bus (USB)
– Device 2.0 Full Speed and On-The-Go (OTG) Low Speed and Full Speed
– Flexible End-Point Configuration and Management with Dedicated DMA Channels
– On-chip Transceivers Including Pull-Ups
Ethernet MAC 10/100 Mbps interface
– 802.3 Ethernet Media Access Controller
– Supports Media Independent Interface (MII) and Reduced MII (RMII)
One Three-Channel 16-bit Timer/Counter (TC)
– Three External Clock Inputs, PWM, Capture and Various Counting Capabilities
One 7-Channel 16-bit Pulse Width Modulation Controller (PWM)
Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Independant Baudrate Generator, Support for SPI, IrDA and ISO7816 interfaces
– Support for Hardware Handshaking, RS485 Interfaces and Modem Line
Two Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
One Synchronous Serial Protocol Controller
– Supports I2S and Generic Frame-Based Protocols
One Master/Slave Two-Wire Interface (TWI), 400kbit/s I2C-compatible
One 8-channel 10-bit Analog-To-Digital Converter
16-bit Stereo Audio Bitstream
– Sample Rate Up to 50 KHz
32-Bit Atmel AVR
Microcontroller
AT32UC3A0512
AT32UC3A0256
AT32UC3A0128
AT32UC3A1512
AT32UC3A1256
AT32UC3A1128
Summary
32058KS–AVR32–01/12


Similar Part No. - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT32UC3A0512 ATMEL-AT32UC3A0512_1 Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0512_14

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
ATMEGA64 ATMEL-ATMEGA64_14 Datasheet
7Mb / 414P
   High-performance, Low-power Atmel AVR
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com