Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HI-8685 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part No. HI-8685
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOLTIC [Holt Integrated Circuits]
Homepage  http://www.holtic.com
Logo 

HI-8685 Datasheet(HTML) 6 Page - Holt Integrated Circuits

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
ARINC Bus Inputs (RINA, RINB, RINA-10& RINB-10)
Differential input voltage
one or zero
V
differential voltage
6.5
10.0
13.0
volts
null
V
""
"
"
-
-
2.75
volts
common mode
V
with respect to GND
-
-
5.0
volts
Input resistance
RINA (-10) to RINB(-10)
R
supplies floating
30
75
-
Kohm
RINA (-10) or RINB(-10) to GND or V
R
"
"
"
'
19
40
-
Kohm
Input capacitance (Guaranteed but not tested)
differential
C
RINA (-10) to RINB (-10)
-
-
20
pF
to GNDC
-
-
20
pF
to V
C
-
-
20
pF
DIN
NIN
COM
DIFF
CC
SUP
DIFF
G
CC
H
Supply Voltages
V
.................................................+5V
Temperature Range
Industrial Screening .............. -40°C to +85°C
Hi-Temp Screening .............. -55°C to +125°C
Military Screening..................-55°C to +125°C
Junction Temperature, Tj ....................
175°C
CC
± 10%
≤+
All voltages referenced to GND
Supply voltages
V
....................................................... +7.0V
Voltage on inputs
RINA (-10) to RINB (-10) ......... +29V to- 29V
All other input pins..................-0.3 to Vcc +0.3
DC current per input pin ....................... +10mA
Power dissipation at 25°C
plastic 28-pin SO..... 1.8W, derate 14.1mW/°C
plastic 28-pin PLCC .2.3
plastic 32-pin SO......1.6
Solder Temperature
Leads ............................. +280°C for 10 sec
Package body ..................................+220°C
Storage Temperature ............. -65°C to +150°C
CC
W, derate 18.2mW/°C
W, derate 15.4mW/°C
NOTE: Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to
the device.
These are stress ratings only.
Operation at the limits is not recommended.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Vcc= 5V, GND= 0V, TA= Operating Temperature Range (unless otherwise specified).
DC ELECTRICAL CHARACTERISTICS
HI-8685, HI-8686
HOLT INTEGRATED CIRCUITS
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn