Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HI-8683 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part No. HI-8683
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOLTIC [Holt Integrated Circuits]
Homepage  http://www.holtic.com
Logo 

HI-8683 Datasheet(HTML) 9 Page - Holt Integrated Circuits

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
°
.454 ± .008
(11.531± .203)
.4065 ± .0125
(10.325± .318)
.293 ± .006
(7.442± .152)
.050
(1.27)
0° to 8°
.033 ± .017
(.838± .432)
.090 ± .010
(2.286± .254)
.0075 ± .0035
(.191± .089)
TYP
.018
(.457)
TYP
SEE DETAIL A
DETAIL A
Package Type:
18-PIN PLASTIC SMALL OUTLINE (SOIC)- WB
(Wide Body)
18HW
.0105 ± .0015
(.2667± .0381)
.905
± .015
(22.99
± .381)
.300
±.010
(7.62
± .254)
.335 ± .035
(8.509
± .889)
0
° ~ 15
.135
± .015
(3.429
± .381)
.100
± .010
(2.540
± .254)
.055
± .010
(1.397
± .254)
.019
± .004
(.483
± .102)
.130
± .020
(3.302
± .508)
.160
± .025
(4.064
± .635)
.250
± .010
(6.350
± .254)
7
° TYP.
.0115 ± .0035
(.2921± .0889)
HI-8683, HI-8684 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
9
Package Type:
18-PIN PLASTIC DIP
18P


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn