Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HI-8683 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part No. HI-8683
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOLTIC [Holt Integrated Circuits]
Homepage  http://www.holtic.com
Logo 

HI-8683 Datasheet(HTML) 8 Page - Holt Integrated Circuits

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HI-8683& HI-8684 PIN CONFIGURATIONS
(See page1 for additional pin configurations)
HI-8683, HI-8684
HOLT INTEGRATED CIRCUITS
8
HI-8683PJI
HI-8683PJT
18- N/A
17 -
16- INB
15- INA
14- ERROR
RESET
D6- 4
D5- 5
D4- 6
D3- 7
D2- 8
V
GAPCLK
INB
INA
ERROR
PARITY
ENB
D0
CC
RESET
READ
DATA
RDY
D6
D7
D5
D4
D3
D2
D1
GND
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
HI-8683PDI
HI-8683PDT
HI-8684PJI
HI-8684PJT
&
HI-8684PJI-10
HI-8684PJT-10
18- TESTB
17 -
16- RINB (-10)
15- RINA (-10)
14- ERROR
RESET
D6- 4
D5- 5
D4- 6
D3- 7
D2- 8
HI-8683
20-Pin Plastic PLCC
HI-8684
20-Pin Plastic PLCC
HI-8683
18-Pin Plastic DIP
ORDERING INFORMATION
HI-8683PDI
18 PIN PLASTIC DIP
NO
NO
-40°C TO +85°C
I
NO
SOLDER
HI-8683PDT
18 PIN PLASTIC DIP
NO
-55°C TO +125°C
T
NO
SOLDER
HI-8683PJI
20 PIN PLASTIC PLCC
NO
BUILT-IN
PART
PACKAGE
LINE
10K
RES. TEMPERATURE
BURN
LEAD
NUMBER
DESCRIPTION
RECV'R
REQUIRED RANGE
FLOW
IN
FINISH
NO
NO
-40°C TO +85°C
I
NO
SOLDER
HI-8683PJT
20 PIN PLASTIC PLCC
NO
NO
-55°C TO +125°C
T
NO
SOLDER
HI-8683PSI
18 PIN PLASTIC SOIC- WB
NO
NO
-40°C TO +85°C
I
NO
SOLDER
HI-8683PST
18 PIN PLASTIC SOIC- WB
NO
NO
-55°C TO +125°C
T
NO
SOLDER
HI-8684PJI
20 PIN PLASTIC PLCC
YES
NO
-40°C TO +85°C
I
NO
SOLDER
HI-8684PJT
20 PIN PLASTIC PLCC
YES
NO
-55°C TO +125°C
T
NO
SOLDER
HI-8684PSI
20 PIN PLASTIC SOIC- WB
YES
NO
-40°C TO +85°C
I
NO
SOLDER
HI-8684PST
20 PIN PLASTIC SOIC- WB
YES
NO
-55°C TO +125°C
T
NO
SOLDER
HI-8684PJI-10
20 PIN PLASTIC PLCC
YES
YES
-40°C TO +85°C
I
NO
SOLDER
HI-8684PJT-10 20 PIN PLASTIC PLCC
YES
YES
-55°C TO +125°C
T
NO
SOLDER
HI-8684PSI-10
20 PIN PLASTIC SOIC- WB
YES
YES
-40°C TO +85°C
I
NO
SOLDER
HI-8684PST-10 20 PIN PLASTIC SOIC- WB
YES
YES
-55°C TO +125°C
T
NO
SOLDER
Legend:
WB
- Wide Body


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn