Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8581PQT Datasheet(PDF) 13 Page - Holt Integrated Circuits

Part # HI-8581PQT
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581PQT Datasheet(HTML) 13 Page - Holt Integrated Circuits

Back Button HI-8581PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 9Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 10Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 11Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 12Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 13Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 14Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 15Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ADDITIONAL HI-8581 PIN CONFIGURATION
ORDERING INFORMATION
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
PART
NUMBER
FLOW
BURN
IN
LEAD
FINISH
44 PIN CERQUADJ LEAD
-40°C TO +85°C
HI-8581CJI
NO
SOLDER
I
HI-8581CJT
44 PIN CERQUADJ LEAD
-55°C TO +125°C
NO
SOLDER
T
44 PIN PLASTICJ LEAD
-40°C TO +85°C
HI-8581PJI
NO
SOLDER
44 PIN PLASTICJ LEAD
-55°C TO +125°C
HI-8581PJT
T
NO
SOLDER
I
HI-8581
44 PIN PQFP
-40°C TO +85°C
HI-8581PQI
NO
SOLDER
I
HI-8581PQT
44 PIN PQFP
-55°C TO +125°C
NO
SOLDER
T
HOLT INTEGRATED CIRCUITS
13
(See page1 for additional pin configuration)


Similar Part No. - HI-8581PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581PQT HOLTIC-HI-8581PQT Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PQT HOLTIC-HI-8581PQT Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PQT-10 HOLTIC-HI-8581PQT-10 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PQT-10 HOLTIC-HI-8581PQT-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PQTF HOLTIC-HI-8581PQTF Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8581PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com