Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8901Y Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE8901Y
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8901Y Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE8901Y Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8901Y Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Power
Electronics Corp.
APE8901
TYPICAL PERFORMANCE CHARACTERISTICS
6
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
6
VCNTL (V)
VCNTL Supply Current
VIN=1.5V
VOUT=1.2V
No Load
0
10
20
30
40
50
33.5
44.5
55.5
6
VCNTL (V)
VCNTL Shutdown Current
0.74
0.76
0.78
0.8
0.82
0.84
0.86
3
3.5
4
4.5
5
5.5
6
VCNTL (V)
VCNTL VS Feedback Voltage
VIN=1.5V
VOUT=1.2V
Load=100mA
0
0.5
1
1.5
2
2.5
3
3.5
4
-40℃ -20℃ 0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature (℃)
Temperature VS VCNTL Supply Current
VIN=1.5V
VCNTL=5V
VOUT=1.2V
No Load
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
3
3.5
4
4.5
5
5.5
6
Load (mA)
Load VS Feedback Voltage
VIN=1.5V
VCNTL=5V
VOUT=1.2V
0
100
200
300
400
500
600
0
200
400
600
800
1000
Load (mA)
Load VS Dropout
VCNTL=5V
VOUT=1.2V
VOUT=3.0V
VOUT=2.5V
VOUT=1.8V


Similar Part No. - APE8901Y

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8901Y

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com