Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3182 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3182
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3182 Datasheet HTML 1Page - Holt Integrated Circuits HI-3182 Datasheet HTML 2Page - Holt Integrated Circuits HI-3182 Datasheet HTML 3Page - Holt Integrated Circuits HI-3182 Datasheet HTML 4Page - Holt Integrated Circuits HI-3182 Datasheet HTML 5Page - Holt Integrated Circuits HI-3182 Datasheet HTML 6Page - Holt Integrated Circuits HI-3182 Datasheet HTML 7Page - Holt Integrated Circuits HI-3182 Datasheet HTML 8Page - Holt Integrated Circuits HI-3182 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FUNCTIONAL DESCRIPTION
The SYNC and CLOCK inputs establish data synchronization
utilizing two AND gates, one for each data input. Each logic
input, including the power enable (
) input, are
TTL/CMOS compatible.
Figure1 illustratesa typical ARINC 429 bus application.
Three power supplies are necessary to operate the HI-3182;
typically +15V, -15V and +5V. The chip also works with ±12V
supplies. The +5V supply can also providea reference
voltage that determines the output voltage swing.
The
differential output voltage swing will equal 2V
. Ifa value of
V
other than +5V is needed,a separate +5V power supply
is required for pin V .
With the DATA (A) input ata logic high and DATA (B) input at a
logic low, A
will switch to the +V
rail and B
will
switch to the -V
rail (ARINC HIGH state). With both data
input signals ata logic low state, the outputs will both switch to
0V (ARINC NULL state).
The driver output impedance, R
, is nominally 75, 26 or 0
ohms depending on the option chosen. The rise and fall times
of the outputs can be calibrated through the selection of two
external capacitor values th
re connected to the C and C
input pins. Typical values for high-speed operation
(100KBPS) are C = C = 75pF and for low-speed operation
(12.5 to 14KBPS) C = C = 500pF.
STROBE
REF
REF
OUT
REF
OUT
REF
OUT
1
A
B
A
B
A
B
at a
The C and C pins swing between +5V and ground allowing
the switching of capacitor values with an external single-
supply analog switch.
A
B
The ARINC outputs can be put ina tri-state mode by applying
a logic high to the
input pin. If this feature is not
being used, the pin should be tied to ground. The
function is not available in the 14& 16-pin SOIC package
configurations where the pin is internally connected to
ground.
The ARINC outputs of the HI-3182, HI-3184 and HI-3187 are
protected by internal fuses capable of sinking between 800 -
900 mA for short periods of time (125 s).
STROBE
STROBE
µ
DATA (A)
OUT
DATA (B)
INPUTS
TO ARINC BUS
B
REF
V
1
V
SYNC
CLOCK
-V
+V
STROBE
GND
C
C
-15V
+15V
+5V
Figure 1. ARINC 429 BUS APPLICATION
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3187, HI-3188
Figure 2. FUNCTIONAL BLOCK DIAGRAM
OUT
B
Shorted on
HI-3186, HI-3187, HI-3188
CL
REF
FA
RL
FB
OUTPUT
DRIVER (B)
OUTPUT
DRIVER (A)
B
C
GND
-V
DATA (A)
DATA (B)
SYNC
CLOCK
V1
STROBE
A
C
+V
LEVEL SHIFTER
AND SLOPE
CONTROL (B)
LEVEL SHIFTER
AND SLOPE
CONTROL (A)
CURRENT
REGULATOR
13
24.5Ω
13
24.5
Shorted on
HI-3183, HI-3186
HI-3187, HI-3188
Shorted on
HI-3183, HI-3185
HI-3186, HI-3188
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-3182

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182 HOLTIC-HI-3182 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3182CDI HOLTIC-HI-3182CDI Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182CDI HOLTIC-HI-3182CDI Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3182CDM HOLTIC-HI-3182CDM Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3182

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com