Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2067TB Datasheet(PDF) 7 Page - ON Semiconductor

Part # S2067TB
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S2067TB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button S2067TB Datasheet HTML 3Page - ON Semiconductor S2067TB Datasheet HTML 4Page - ON Semiconductor S2067TB Datasheet HTML 5Page - ON Semiconductor S2067TB Datasheet HTML 6Page - ON Semiconductor S2067TB Datasheet HTML 7Page - ON Semiconductor S2067TB Datasheet HTML 8Page - ON Semiconductor S2067TB Datasheet HTML 9Page - ON Semiconductor S2067TB Datasheet HTML 10Page - ON Semiconductor S2067TB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
7
FUNCTIONAL DESCRIPTION
Introduction
To be competitive in today’s electronic equipment market,
new circuits must be designed to increase system reliability
with minimal incremental cost. The circuit designer can take
a significant step toward attaining these goals by
implementing economical circuitry that continuously
monitors critical circuit voltages and provides a fault signal
in the event of an out−of−tolerance condition. The
MC34161, MC33161 series are universal voltage monitors
intended for use in a wide variety of voltage sensing
applications. The main objectives of this series was to
configure a device that can be used in as many voltage
sensing applications as possible while minimizing cost. The
flexibility objective is achieved by the utilization of a unique
Mode Select input that is used in conjunction with
traditional circuit building blocks. The cost objective is
achieved by processing the device on a standard Bipolar
Analog flow, and by limiting the package to eight pins. The
device consists of two comparator channels each with
hysteresis, a mode select input for channel programming, a
pinned out reference, and two open collector outputs. Each
comparator channel can be configured as either inverting or
noninverting by the Mode Select input. This allows a single
device to perform over, under, and window detection of
positive and negative voltages. A detailed description of
each section of the device is given below with the
representative block diagram shown in Figure 14.
Input Comparators
The input comparators of each channel are identical, each
having an upper threshold voltage of 1.27 V
±2.0% with
25 mV of hysteresis. The hysteresis is provided to enhance
output switching by preventing oscillations as the
comparator thresholds are crossed. The comparators have an
input bias current of 60 nA at their threshold which
approximates a 21.2 M
W resistor to ground. This high
impedance minimizes loading of the external voltage
divider for well defined trip points. For all positive voltage
sensing applications, both comparator channels are fully
functional at a VCC of 2.0 V. In order to provide enhanced
device ruggedness for hostile industrial environments,
additional circuitry was designed into the inputs to prevent
device latchup as well as to suppress electrostatic discharges
(ESD).
Reference
The 2.54 V reference is pinned out to provide a means for
the input comparators to sense negative voltages, as well as
a means to program the Mode Select input for window
detection applications. The reference is capable of sourcing
in excess of 2.0 mA output current and has built−in short
circuit protection. The output voltage has a guaranteed
tolerance of
±2.4% at room temperature.
The 2.54 V reference is derived by gaining up the internal
1.27 V reference by a factor of two. With a power supply
voltage of 4.0 V, the 2.54 V reference is in full regulation,
allowing the device to accurately sense negative voltages.
Mode Select Circuit
The key feature that allows this device to be flexible is the
Mode Select input. This input allows the user to program
each of the channels for various types of voltage sensing
applications. Figure 15 shows that the Mode Select input has
three defined states. These states determine whether
Channel 1 and/or Channel 2 operate in the inverting or
noninverting mode. The Mode Select thresholds are shown
in Figure 6. The input circuitry forms a tristate switch with
thresholds at 0.63 V and Vref + 0.23 V. The mode select input
current is 10
mA when connected to the reference output, and
42
mA when connected to a VCC of 5.0 V, refer to Figure 7.
Output Stage
The output stage uses a positive feedback base boost
circuit for enhanced sink saturation, while maintaining a
relatively low device standby current. Figure 11 shows that
the sink saturation voltage is about 0.2 V at 8.0 mA over
temperature. By combining the low output saturation
characteristics with low voltage comparator operation, this
device is capable of sensing positive voltages at a VCC of
1.0 V. These characteristics are important in undervoltage
sensing applications where the output must stay in a low
state as VCC approaches ground. Figure 5 shows the Output
Voltage versus Supply Voltage in an undervoltage sensing
application. Note that as VCC drops below the programmed
4.5 V trip point, the output stays in a well defined active low
state until VCC drops below 1.0 V.
APPLICATIONS
The following circuit figures illustrate the flexibility of
this device. Included are voltage sensing applications for
over, under, and window detectors, as well as three unique
configurations. Many of the voltage detection circuits are
shown with the open collector outputs of each channel
connected together driving a light emitting diode (LED).
This ‘ORed’ connection is shown for ease of explanation
and it is only required for window detection applications.
Note that many of the voltage detection circuits are shown
with a dashed line output connection. This connection gives
the inverse function of the solid line connection. For
example, the solid line output connection of Figure 16 has
the LED ‘ON’ when input voltage VS is above trip voltage
V2, for overvoltage detection. The dashed line output
connection has the LED ‘ON’ when VS is below trip voltage
V2, for undervoltage detection.


Similar Part No. - S2067TB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
112Kb / 3P
   Silicon Power Rectifier
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
148Kb / 2P
   SILICON POWER RECTIFIER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Microsemi Corporation
S2060 MICROSEMI-S2060 Datasheet
143Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - S2067TB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com