Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S-0512 Datasheet(PDF) 2 Page - Recom International Power

Part # R2S-0512
Description  2 Watt SMD Single Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S-0512 Datasheet(HTML) 2 Page - Recom International Power

  R2S-0512 Datasheet HTML 1Page - Recom International Power R2S-0512 Datasheet HTML 2Page - Recom International Power R2S-0512 Datasheet HTML 3Page - Recom International Power R2S-0512 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-86
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Specifications - Continued
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2S-xx05
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Capacitance
115pF max.
Isolation Resistance
(Viso 500V)
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Package Weight
R2S, R2S8
1.4g
R2D, R2D10
1.5g
R2S12, R2D12
1.6g
Packing Quantity
R2S, R2S8
39 pcs per Tube
R2S12, R2D, R2D10, R2D12
33 pcs per tube
All Types
250 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
886 x 103 hours
(+85°C)
using MIL-HDBK 217F
128 x 103 hours
Certifications
CB Test Report
Report: US/14402/UL
UL General Safety
Report: E308085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Ed.
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD 1211033-3
EN60950-1: 2006 + A12:2011
Conducted / Radiated Emissions
EN55022
Level A
} Detailed Information see
Application Notes chapter "MTBF"
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2D-xx05
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 1/2014
www.recom-power.com


Similar Part No. - R2S-0512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
   2 Watt SMD Single Dual Output
More results

Similar Description - R2S-0512

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
   2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
   2 Watt SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
   2 Watt SMD Single & Dual Output
R2M RECOM-R2M Datasheet
943Kb / 6P
   2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
RW2-053.3S RECOM-RW2-053.3S Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
   2 Watt SMD Single Output
RW2-053.3S RECOM-RW2-053.3S_10 Datasheet
114Kb / 2P
   2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com