![]() |
Electronic Components Datasheet Search |
|
NE555S-13 Datasheet(PDF) 4 Page - Diodes Incorporated |
|
NE555S-13 Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 14 page ![]() NE555/SA555/NA555 PRECISION TIMERS NE555/SA555/NA555 Document number: DS35112 Rev. 4 - 2 4 of 14 www.diodes.com February 2012 © Diodes Incorporated Electrical Characteristics (VCC = 5V to 15V, TA = 25°C unless otherwise stated) Symbol Parameter Test conditions Min Typ. Max Unit VOL Low level output voltage VCC = 15V, IOL = 10mA 0.1 0.25 V VCC = 15V, IOL = 50mA 0.4 0.75 VCC = 15V, IOL = 100mA 2 2.5 VCC = 15V, IOL = 200mA 2.5 VCC = 5V, IOL = 5mA 0.1 0.35 VCC = 5V, IOL = 8mA 0.15 0.4 VOH High level output voltage VCC = 15V, IOH = -100mA 12.75 13.3 V VCC = 15V, IOH = -200mA 12.5 VCC = 5V, IOH = -100mA 2.75 3.3 ICC Supply current Output low, no load VCC = 15V 10 15 mA VCC = 5V 3 6 Output high, no load VCC = 15V 9 13 VCC = 5V 2 5 TER Initial error of timing interval (Note 8) Each time, monostable (Note 9) 1 3 % Each time, astable (Note 10) 2.25 TTC Temperature coefficient of timing interval Each time, monostable (Note 9) TA = full range 50 ppm/°C Each time, astable (Note 10) 150 TVCC Supply voltage sensitivity of timing interval Each time, monostable (Note 9) 0.1 0.5 %/V Each time, astable (Note 10) 0.3 TRI Output pulse rise time CL = 15pF 100 300 ns TFA Output pulse fall time CL = 15pF 100 300 ns Notes: 6. This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when VCC = 5 V, the maximum value is R = RA + RB ≉ 3.4MΩ, and for VCC = 15 V, the maximum value is 10MΩ. 7. No protection against excessive pin 7 current is necessary providing package dissipation rating is not exceeded 8. Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run. 9. Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2kΩ to 100kΩ, C = 0.1uF. 10. Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1kΩ to 100kΩ, C = 0.1uF. |
Similar Part No. - NE555S-13 |
|
Similar Description - NE555S-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |