Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555S-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. NE555S-13
Description  PRECISION TIMERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555S-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  NE555S-13 Datasheet HTML 1Page - Diodes Incorporated NE555S-13 Datasheet HTML 2Page - Diodes Incorporated NE555S-13 Datasheet HTML 3Page - Diodes Incorporated NE555S-13 Datasheet HTML 4Page - Diodes Incorporated NE555S-13 Datasheet HTML 5Page - Diodes Incorporated NE555S-13 Datasheet HTML 6Page - Diodes Incorporated NE555S-13 Datasheet HTML 7Page - Diodes Incorporated NE555S-13 Datasheet HTML 8Page - Diodes Incorporated NE555S-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
5 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Performance Characteristics
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 5V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 5V
CC
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 10V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 10V
CC
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 15V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 15V
CC
I
- HIGH LEVEL OUTPUT CURRENT (mA)
Drop Between Supply Voltage and Output vs.
High Level Output Current
OH
12
7
70 100
40
20
10
4
0.4
0
T = -40°C
A
0.2
0.6
1.4
0.8
1.2
2
1.8
1.6
1
V
= 5V to 15V
CC
T = 25°C
A
T = 105°C
A


Similar Part No. - NE555S-13

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
NE555S-13 DIODES-NE555S-13 Datasheet
673Kb / 14P
   PRECISION TIMER
February 2021
More results

Similar Description - NE555S-13

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
National Semiconductor (TI)
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
NEC
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
Unisonic Technologies
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
Unisonic Technologies
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz