Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J100502 Datasheet(PDF) 1 Page - E-SWITCH

Part # J100502
Description  ALL DIMENSIONS IN MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

J100502 Datasheet(HTML) 1 Page - E-SWITCH

  J100502 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301CF160QG
9/28/2012
J100502
A
rc
1
1
PCB LAYOUT
3
1
2
4
3
4
1
2
A
20787
NEW RELEASE
9/28/12
rc
n3.50
[.138 in]
4.50
[.177 in]
6.00
[.236 in]
8.00
[.315 in]
3.60
[.142 in]
6.00
[.236 in]
ACTUATOR COLOR:
BLACK
.40
[.016 in] MAX
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 50mA
5. OPERATING FORCE: 160 `50 gms
6. TRAVEL: 0.25mm ±0.1
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE 100,000 CYCLES MIN.
9. SILVER CONTACTS
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT.
12. PACKAGING: TAPE AND REEL, 700 PIECES PER REEL
2
4
3
CIRCUIT: SPST
1
.70
[.028 in]
8.40
[.331 in]
10.00
[.394 in]
.10
[.004 in]
ALL TERMINALS MUST BE
COPLANAR WITHIN 0.10MM
TOTAL
5.90
[.232 in]
11.20
[.441 in]
7.00
[.276 in]
3.00
[.118 in]


Similar Part No. - J100502

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
J100524 E-SWITCH-J100524 Datasheet
54Kb / 1P
   ALL DIMENSIONS IN MM
J100532 E-SWITCH-J100532 Datasheet
55Kb / 1P
   ALL DIMENSIONS IN MM
J100539 E-SWITCH-J100539 Datasheet
54Kb / 1P
   All Dimension In MM
J100540 E-SWITCH-J100540 Datasheet
56Kb / 1P
   All Dimension In MM
J100567 E-SWITCH-J100567 Datasheet
34Kb / 1P
   All Dimension In MM
More results

Similar Description - J100502

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R072025 E-SWITCH-R072025 Datasheet
20Kb / 1P
   All Dimensions In MM
B040204 E-SWITCH-B040204 Datasheet
18Kb / 1P
   ALL DIMENSIONS IN MM
T201223 E-SWITCH-T201223 Datasheet
65Kb / 1P
   ALL DIMENSIONS IN MM
P020331 E-SWITCH-P020331 Datasheet
28Kb / 1P
   ALL DIMENSIONS IN MM
B800033 E-SWITCH-B800033 Datasheet
136Kb / 1P
   ALL DIMENSIONS IN MM
F051702 E-SWITCH-F051702 Datasheet
26Kb / 1P
   All Dimensions in MM
F060211 E-SWITCH-F060211 Datasheet
29Kb / 1P
   All Dimensions in MM
F060251 E-SWITCH-F060251 Datasheet
20Kb / 1P
   All Dimensions in MM
F060254 E-SWITCH-F060254 Datasheet
19Kb / 1P
   All Dimensions in MM
F060600 E-SWITCH-F060600 Datasheet
27Kb / 1P
   All Dimensions in MM
F060621 E-SWITCH-F060621 Datasheet
22Kb / 1P
   All Dimensions in MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com